Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV61047 Datasheet (PDF) - Texas Instruments

TLV61047 Datasheet PDF - Texas Instruments
Part # TLV61047
Download  TLV61047 Download
File Size   5502.71 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV61047-Q1 Automotive 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter

TLV61047 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV61047 Datasheet PDF - Texas Instruments

Part # TLV61047
Download  TLV61047 Click to download

File Size   5502.71 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV61047-Q1 Automotive 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter

TLV61047 Datasheet (HTML) - Texas Instruments


TLV61047 Product details

1 Features
• AEC-Q100 qualified:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Input voltage range: 1.8V to 20V
• Output voltage range: 4.5V to 28V
• Integrated low-side FET: 200mΩ
• High efficiency
– Up to 89.7% efficiency at VIN = 5V to VOUT =
12V, and IOUT = 0.25A
– Up to 90.4% efficiency at VIN = 12V to VOUT =
28V, and IOUT = 0.35A
• Peak switch current limit: 2.2A
• Switching frequency: 2.4MHz
• Reference voltage accuracy: ±2.0%
• Typical quiescent current: 25μA
• Typical shutdown current: 0.4μA
• PFM operation mode at light load
• Internal compensation
• Internal soft start time: 2.5ms
• Cycle-by-cycle current limit
• Thermal shutdown protection
• SOT-23-5 DDC package

2 Applications
• LED power supply
• Digital still camera
• GPS devices
• Mobile phone
• OLED panel power supply
• USB-powered devices

3 Description
The TLV61047-Q1 is a high-voltage, non-synchronous
boost converter that integrates a 200mΩ low side
power switch to provide an easy use and small size
power design. The TLV61047-Q1 has a wide input
voltage range from 1.8V to 20V and output voltage
covers up to 28V with 2.2A switch current capability.
The TLV61047-Q1 uses adaptive constant off-time
peak current control topology to regulate the output
voltage. At heavy to light load condition, the
TLV61047-Q1 works in pulse width modulation (PWM)
mode until trigger the minimum peak current (typical
300mA). At lighter load condition , the devices work in
pulse frequency modulation (PFM) mode to improve
the efficiency and ripple performance.
The quasi-constant switching frequency is internally
set to 2.4MHz, allowing the use of extremely
small surface mount inductor and capacitors. The
TLV61047-Q1 has built in 2.5ms soft start to minimize
the inrush current during start-up. Additional features
include internal compensation, cycle-by-cycle current
limit, and thermal shutdown.
The TLV61047-Q1 is available in an SOT-23-5 DDC
package.




Similar Part No. - TLV61047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61047 TI-TLV61047 Datasheet
3Mb / 24P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
TLV61047 TI-TLV61047 Datasheet
3Mb / 25P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
TLV61047 TI-TLV61047 Datasheet
3Mb / 28P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
TLV610471 TI-TLV610471 Datasheet
3Mb / 24P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
TLV610471 TI-TLV610471 Datasheet
3Mb / 25P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
More results


Similar Description - TLV61047

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8870 ONSEMI-NCV8870_17 Datasheet
145Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 11
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
Non-Synchronous PWM Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com