Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV61047 Datasheet (PDF) - Texas Instruments

TLV61047 Datasheet PDF - Texas Instruments
Part # TLV61047
Download  TLV61047 Download
File Size   3879.29 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter

TLV61047 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV61047 Datasheet PDF - Texas Instruments

Part # TLV61047
Download  TLV61047 Click to download

File Size   3879.29 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter

TLV61047 Datasheet (HTML) - Texas Instruments


TLV61047 Product details

1 Features
• Input voltage range: 2.6V to 20V
• Output voltage range: 4.5V to 28V
• Integrated low-side FET: 200mΩ
• High efficiency
– Up to 91.2% efficiency at VIN = 5V to VOUT =
12V, and IOUT = 0.2A
– Up to 91.7% efficiency at VIN = 12V to VOUT =
28V, and IOUT = 0.3A
• 2.2A peak switch current limit
• Switching frequency
– TLV61047: 1.6MHz
– TLV610471: 0.6MHz
• ±2.0% Reference voltage accuracy
• Typical 25μA quiescent current
• Typical 0.4μA shutdown current
• PFM operation mode at ultra light load or TON min
triggered
• Internal compensation
• Internal 2.5ms soft start time
• Cycle-by-cycle current limit
• Thermal shutdown protection
• SOT-23-5 DDC package

2 Applications
• LED Power Supply
• Digital Still Camera
• GPS Devices
• Mobile Phone
• OLED Panel Power Supply
• USB-Powered Devices

3 Description
The TLV61047 is a high voltage non-synchronous
boost converter integrates a 200mΩ low side power
switch to provide an easy use and small size power
solution. The TLV61047 has a wide input voltage
range from 2.6V to 20V and output voltage covers up
to 28V with 2.2A switch current capability.
The TLV61047 uses adaptive constant off-time peak
current control topology to regulate the output voltage.
At heavy to light load condition, the TLV61047 works
in pulse width modulation (PWM) mode until trigger
the Ton min or minimum peak current (typical 20mA).
At ultra light load condition , the devices work in pulse
frequency modulation (PFM) mode to improve the
efficiency and ripple performance.
The quasi-constant switching frequency is internally
set to either 1.6MHz (TLV61047) or 0.6MHz
(TLV610471), allowing the use of extremely small
surface mount inductor and capacitors. The
TLV61047 has built in 2.5ms soft start to minimize
the inrush current during start up. Additional features
include internal compensation, cycle by cycle current
limit and thermal shutdown.
The TLV61047 is available in a SOT-23-5 DDC
package.




Similar Part No. - TLV61047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61047 TI-TLV61047 Datasheet
3Mb / 24P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
TLV61047 TI-TLV61047 Datasheet
3Mb / 25P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
TLV61047 TI2-TLV61047 Datasheet
5Mb / 27P
TLV61047-Q1 Automotive 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
MARCH 2026
TLV61047-Q1 TI2-TLV61047-Q1 Datasheet
5Mb / 27P
TLV61047-Q1 Automotive 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
MARCH 2026
TLV610471 TI-TLV610471 Datasheet
3Mb / 24P
TLV61047 20VIN, 28VOUT, 2.2A Non-synchronous Boost Converter
NOVEMBER 2024
More results


Similar Description - TLV61047

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
Synchronous Boost Converter
logo
Texas Instruments
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
Synchronous Boost Converter
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
Non-Synchronous PWM Boost Converter
FP6296 FEELING-FP6296 Datasheet
627Kb / 13P
10A Current Mode Non-Synchronous PWM Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2776 TECHCODE-TD2776 Datasheet
925Kb / 14P
2.2A 32V Synchronous Rectified Step-Down Converter
logo
SHOUDING Shouding Semic...
SD6276 SHOUDING-SD6276 Datasheet
2Mb / 9P
10A Current Mode Non Synchronous PWM Boost Converter
logo
Shenzhen Huazhimei Semi...
HM9229 HMSEMI-HM9229 Datasheet
911Kb / 12P
10A Current Mode Non-Synchronous PWM Boost Converter
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com