Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXG4020 Datasheet (PDF) - Texas Instruments

TXG4020 Datasheet PDF - Texas Instruments
Part # TXG4020
Download  TXG4020 Download
File Size   3139.93 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG402x-Q1 2-bit, ±40V Ground-Level Translator

TXG4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXG4020 Datasheet PDF - Texas Instruments

Part # TXG4020
Download  TXG4020 Click to download

File Size   3139.93 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG402x-Q1 2-bit, ±40V Ground-Level Translator

TXG4020 Datasheet (HTML) - Texas Instruments


TXG4020 Product details

1 Features
• AEC-Q100 qualified for automotive applications
• Supports DC shifts up to ±40V
• AC Noise Rejection of 80VPP up to 5MHz
• CMTI of 1kV/μs
• Low Prop Delay (<5ns) and Ch-Ch Skew (<0.20ns)
• Greater than 250Mbps
• Low power consumption (0.8mA per channel at
1Mbps, 1.8V)
• Fully configurable dual-rail design allows each port
to operate from 1.71V to 5.5V
• 4, 2, 1 channel devices with multiple configurations
will be available
• Two device variants:
– TXG4020-Q1: 2 forward
– TXG4021-Q1: 1 forward, 1 reverse
• Supports VCC disconnect feature (I/Os are forced
into high-Z)
• Schmitt-trigger inputs allows for slow and noisy
signals
• Inputs with integrated static pull-down resistors
prevent channels from floating
• Operating temperature from –40°C to +125°C
• Latch-up performance exceeds 100mA per JESD
78, class II
– ESD protection exceeds JESD 22
– 2500V human-body model
– 500V charged-device model
• Package options provided:
– DSG (WSON-8)
– DDF (SOT-8)
– D (SOIC-8)

2 Applications
• Electric Power Steering
• Vehicle Control Unit
• Automotive Display
• Head Unit and Digital Cockpit

3 Description
The TXG402x-Q1 is a 2-bit, fixed direction, nongalvanic
based voltage and ground-level translator
that can support both logic-level shifting between
1.71V to 5.5V and ground-level shifting up to
±40V. Compared to traditional level shifters, the
TXG402x-Q1 family can solve the challenges of
voltage translation across different ground levels. The
Simplified Diagram shows a common use case where
DC shift occurs between GNDA to GNDB due to
parasitic resistance or capacitance.
VCCA is referenced to GNDA and VCCB is referenced
to GNDB. Ax pins are referenced to VCCA logic level
while Bx pins are referenced to VCCB logic levels.
Both A port and B port can accept voltages from
1.71V to 5.5V. The leakage between GNDA and
GNDB is <90nA when VCC to GND is shorted.
The TXG402x-Q1 device helps improve noise
immunity and power sequencing across different
ground domains while providing low power
consumption, latency and channel-to-channel skew. It
can supress noise levels of 80VPP up to 5MHz (Figure
7-5). This device can support multiple interfaces such
as UART, GPIO, and JTAG.




Similar Part No. - TXG4020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXG4020 TI2-TXG4020 Datasheet
1Mb / 40P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
TXG4020 TI2-TXG4020 Datasheet
2Mb / 38P
TXG402x-Q1 2-bit, ±40V Ground-Level Translator
MAY 2025
TXG4020 TI2-TXG4020 Datasheet
1Mb / 40P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
TXG4020 TI2-TXG4020 Datasheet
2Mb / 43P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
TXG4020 TI2-TXG4020 Datasheet
3Mb / 47P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
More results


Similar Description - TXG4020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV2T240 ONSEMI-NLSV2T240 Datasheet
98Kb / 6P
2-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
NLSV2T244 ONSEMI-NLSV2T244 Datasheet
165Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
MAX14842 MAXIM-MAX14842 Datasheet
1Mb / 13P
6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
logo
Texas Instruments
SN74AVC2T244 TI1-SN74AVC2T244 Datasheet
604Kb / 12P
2-BIT UNDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
ON Semiconductor
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
TXB0104-Q1 TI1-TXB0104-Q1_15 Datasheet
1Mb / 29P
TXB0104-Q1 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
logo
ON Semiconductor
NLSV2T244 ONSEMI-NLSV2T244_16 Datasheet
100Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
March, 2016 ??Rev. 4
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com