Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXG4020 Datasheet (PDF) - Texas Instruments

TXG4020 Datasheet PDF - Texas Instruments
Part # TXG4020
Download  TXG4020 Download
File Size   3296.69 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG402x 2-bit, ±40V Ground-Level Translator

TXG4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXG4020 Datasheet PDF - Texas Instruments

Part # TXG4020
Download  TXG4020 Click to download

File Size   3296.69 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG402x 2-bit, ±40V Ground-Level Translator

TXG4020 Datasheet (HTML) - Texas Instruments


TXG4020 Product details

1 Features
• Supports DC shifts up to ±40V
• AC Noise Rejection of 80VPP up to 5MHz
• CMTI of 1kV/μs
• Low Prop Delay (<5ns) and Ch-Ch Skew (<0.20ns)
• Greater than 250Mbps
• Low power consumption (0.8mA per channel at 1Mbps, 1.8V)
• Fully configurable dual-rail design allows each port to operate from 1.71V to 5.5V
• 4, 2, 1 channel devices with multiple configurations will be available
• Two device variants:
– TXG4020: 2 forward
– TXG4021: 1 forward, 1 reverse
• Supports VCC disconnect feature (I/Os are forced into high-Z)
• Schmitt-trigger inputs allows for slow and noisy signals
• Inputs with integrated static pull-down resistors prevent channels from floating
• Operating temperature from –40°C to +125°C
• Latch-up performance exceeds 100mA per JESD 78, class II
– ESD protection exceeds JESD 22
– 2500V human-body model
– 500V charged-device model
• Package options provided:
– DSG (WSON-8)
– DDF (SOT-8)
– D (SOIC-8)




Similar Part No. - TXG4020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXG4020 TI2-TXG4020 Datasheet
1Mb / 40P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
TXG4020 TI2-TXG4020 Datasheet
2Mb / 38P
TXG402x-Q1 2-bit, ±40V Ground-Level Translator
MAY 2025
TXG4020 TI2-TXG4020 Datasheet
1Mb / 40P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
TXG4020 TI2-TXG4020 Datasheet
2Mb / 43P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
TXG4020 TI2-TXG4020 Datasheet
3Mb / 44P
TXG402x-Q1 2-bit, ±40V Ground-Level Translator
REVISED MARCH 2026
More results


Similar Description - TXG4020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV2T240 ONSEMI-NLSV2T240 Datasheet
98Kb / 6P
2-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
NLSV2T244 ONSEMI-NLSV2T244 Datasheet
165Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
MAX14842 MAXIM-MAX14842 Datasheet
1Mb / 13P
6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
logo
Texas Instruments
SN74AVC2T244 TI1-SN74AVC2T244 Datasheet
604Kb / 12P
2-BIT UNDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
ON Semiconductor
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
logo
ON Semiconductor
NLSV2T244 ONSEMI-NLSV2T244_16 Datasheet
100Kb / 9P
2-Bit Dual-Supply Non-Inverting Level Translator
March, 2016 ??Rev. 4
NLSX4373 ONSEMI-NLSX4373_13 Datasheet
145Kb / 12P
2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2013 ??Rev. 6
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com