Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6002LPSWQ Datasheet (PDF) - Diodes Incorporated

DMTH6002LPSWQ Datasheet PDF - Diodes Incorporated
Part # DMTH6002LPSWQ
Download  DMTH6002LPSWQ Download
File Size   570.88 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH6002LPSWQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH6002LPSWQ Datasheet PDF - Diodes Incorporated

Part # DMTH6002LPSWQ
Download  DMTH6002LPSWQ Click to download

File Size   570.88 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH6002LPSWQ Datasheet (HTML) - Diodes Incorporated


DMTH6002LPSWQ Product details

Description and Applications
This MOSFET is designed to meet the stringent requirements of
Automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
 Engine Management Systems
 Body Control Electronics
 DC-DC Converters

Features
 Rated to +175°C – Ideal for High Ambient Temperature
Environments
 100% Unclamped Inductive Switching (UIS) Test in Production –
Ensures More Reliable and Robust End Application
 Low RDS(ON) – Minimizes On State Losses
 Low Input Capacitance
 Fast Switching Speed
 Wettable Flank for Improved Optical Inspection
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The DMTH6002LPSWQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/




Similar Part No. - DMTH6002LPSWQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6002LPS DIODES-DMTH6002LPS Datasheet
439Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH6002LPS-13 DIODES-DMTH6002LPS-13 Datasheet
439Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results


Similar Description - DMTH6002LPSWQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6042SPSQ DIODES-DMNH6042SPSQ Datasheet
542Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
August 2016
DMPH6050SSDQ DIODES-DMPH6050SSDQ Datasheet
531Kb / 7P
175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
September 2016
DMTH6016LFDFWQ DIODES-DMTH6016LFDFWQ Datasheet
435Kb / 8P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021
DMTH6010LPDQ DIODES-DMTH6010LPDQ_V01 Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMTH6010LPD DIODES-DMTH6010LPD_V01 Datasheet
527Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 November 2021
DMNH6035SPDWQ DIODES-DMNH6035SPDWQ Datasheet
752Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 8 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH6010LPDWQ DIODES-DMTH6010LPDWQ Datasheet
572Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 1 - 2
DMTH6016LFVW DIODES-DMTH6016LFVW Datasheet
553Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
September 2018 Rev. 3 - 2
DMTH6016LFVWQ DIODES-DMTH6016LFVWQ Datasheet
553Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
September 2018 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com