Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6002LPS Datasheet (PDF) - Diodes Incorporated

DMTH6002LPS Datasheet PDF - Diodes Incorporated
Part # DMTH6002LPS
Download  DMTH6002LPS Download
File Size   439.49 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH6002LPS Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH6002LPS Datasheet PDF - Diodes Incorporated

Part # DMTH6002LPS
Download  DMTH6002LPS Click to download

File Size   439.49 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH6002LPS Datasheet (HTML) - Diodes Incorporated


DMTH6002LPS Product details

Description and Applications
This MOSFET is designed to minimize the on-state resistance (RDS(ON)) yet maintain superior switching performance, making it ideal for high efficiency power management applications.

• Switching
• Synchronous Rectification
• DC-DC Converters

Features
• Rated to +175°C – Ideal for High Ambient Temperature
   Environments
• 100% Unclamped Inductive Switching (UIS) Test in Production –
   Ensures More Reliable and Robust End Application
• Thermally Efficient Package – Cooler Running Applications
• High Conversion Efficiency
• Low RDS(ON) – Minimizes On-State Losses
• <1.1mm Package Profile – Ideal for Thin Applications
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control
   (i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
   manufactured in IATF 16949 certified facilities), please
   contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/




Similar Part No. - DMTH6002LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6002LPSWQ DIODES-DMTH6002LPSWQ Datasheet
570Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
December 2020 Rev. 4 - 2
DMTH6002LPSWQ-13 DIODES-DMTH6002LPSWQ-13 Datasheet
570Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
December 2020 Rev. 4 - 2
More results


Similar Description - DMTH6002LPS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com