Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6002LPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH6002LPS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6002LPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH6002LPS Datasheet HTML 1Page - Diodes Incorporated DMTH6002LPS Datasheet HTML 2Page - Diodes Incorporated DMTH6002LPS Datasheet HTML 3Page - Diodes Incorporated DMTH6002LPS Datasheet HTML 4Page - Diodes Incorporated DMTH6002LPS Datasheet HTML 5Page - Diodes Incorporated DMTH6002LPS Datasheet HTML 6Page - Diodes Incorporated DMTH6002LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMTH6002LPS
Document number: DS38143 Rev. 5 - 2
4 of 7
www.diodes.com
October 2017
© Diodes Incorporated
DMTH6002LPS
0
0.001
0.002
0.003
0.004
0.005
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = 10V, ID = 50A
V
GS = 4.5V, ID = 50A
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs.
JunctionTemperature
I
D = 250µA
I
D = 1mA
0
10
20
30
40
50
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
A = 125
oC
T
A = 85
oC
T
A = 25
oC
T
A = -55
oC
V
GS = 0V
T
A = 150
oC
T
A = 175
oC
10
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
10
0
30
60
90
120
150
Q
g (nC)
Figure 11. Gate Charge
V
DS = 30V, ID = 50A
0.1
1
10
100
1000
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
P
W =10ms
P
W =100µs
DC
R
DS(ON) Limited
P
W =1ms
T
J(Max) = 175℃ TC = 25℃
Single Pulse
DUT on Infinite Heatsink
V
GS=10V
P
W =100ms
P
W =10µs
P
W =1µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com