Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSQBA321818T331M Datasheet (PDF) - Taiyo Yuden (U.S.A.), Inc

LSQBA321818T331M Datasheet PDF - Taiyo Yuden (U.S.A.), Inc
Part # LSQBA321818T331M
Download  LSQBA321818T331M Download
File Size   296.54 Kbytes
Page   3 Pages
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc
Description Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment

LSQBA321818T331M Datasheet (PDF)

Go To PDF Page Download Datasheet
LSQBA321818T331M Datasheet PDF - Taiyo Yuden (U.S.A.), Inc

Part # LSQBA321818T331M
Download  LSQBA321818T331M Click to download

File Size   296.54 Kbytes
Page   3 Pages
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc
Description Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment

LSQBA321818T331M Datasheet (HTML) - Taiyo Yuden (U.S.A.), Inc


LSQBA321818T331M Product details

Features
- Item Summary: 330uH±20%, 65mA, 1207/3218 (EIA/JIS)
- Lifecycle Stage: Mass Production (Preferred)
- Standard packaging quantity (minimum): Taping Embossed 2000pcs




Similar Part No. - LSQBA321818T331M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LSQBA321818T331K TAIYO-YUDEN-LSQBA321818T331K Datasheet
296Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
More results


Similar Description - LSQBA321818T331M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LSQBA160808T1R0M TAIYO-YUDEN-LSQBA160808T1R0M Datasheet
361Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBA201212T100K TAIYO-YUDEN-LSQBA201212T100K Datasheet
360Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBA201212T100KR TAIYO-YUDEN-LSQBA201212T100KR Datasheet
361Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBA201212T100M TAIYO-YUDEN-LSQBA201212T100M Datasheet
360Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBA201212T150K TAIYO-YUDEN-LSQBA201212T150K Datasheet
361Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBB160808T100K TAIYO-YUDEN-LSQBB160808T100K Datasheet
352Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBB160808T220M TAIYO-YUDEN-LSQBB160808T220M Datasheet
352Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBB160808T3R3M TAIYO-YUDEN-LSQBB160808T3R3M Datasheet
352Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQCA201212T470M TAIYO-YUDEN-LSQCA201212T470M Datasheet
362Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQEA201212T100K TAIYO-YUDEN-LSQEA201212T100K Datasheet
363Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com