Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSQBA321818T331M Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LSQBA321818T331M
Description  Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LSQBA321818T331M Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LSQBA321818T331M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LSQBA321818T331M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LSQBA321818T331M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Data at any time without notice.
Before making final selection, please check product specification.
https://www.yuden.co.jp/en/
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
LSQBA321818T331M (Previous PN: LB3218T331M)
Features
Item Summary
330uH±20%, 65mA, 1207/3218 (EIA/JIS)
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Inductance
330 uH ± 20 %
Case Size (EIA/JIS)
1207/3218
Rated Current (max)
65 mA
DC Resistance (max)
9.1 Ω
DC Resistance (typ)
7 Ω
Self Resonant Frequency (min)
4 MHz
Operating Temp. Range
-40 to +105 ℃
(Including-self-generated heat)
Temperature characteristic
± 25 %
(Inductance change)
Measuring Frequency
0.796 MHz
RoHS Compliance (10 subst.)
Yes
REACH Compliance (253 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.2 mm
Dimension W
1.8 ±0.2 mm
Dimension T
1.8 ±0.2 mm
Dimension e
0.6 ±0.2 mm
2026.03.30
1 / 1


Similar Part No. - LSQBA321818T331M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LSQBA321818T331K TAIYO-YUDEN-LSQBA321818T331K Datasheet
296Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
More results

Similar Description - LSQBA321818T331M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LSQBA160808T1R0M TAIYO-YUDEN-LSQBA160808T1R0M Datasheet
361Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBA201212T100K TAIYO-YUDEN-LSQBA201212T100K Datasheet
360Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBA201212T100KR TAIYO-YUDEN-LSQBA201212T100KR Datasheet
361Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBA201212T100M TAIYO-YUDEN-LSQBA201212T100M Datasheet
360Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBA201212T150K TAIYO-YUDEN-LSQBA201212T150K Datasheet
361Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBB160808T100K TAIYO-YUDEN-LSQBB160808T100K Datasheet
352Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBB160808T220M TAIYO-YUDEN-LSQBB160808T220M Datasheet
352Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQBB160808T3R3M TAIYO-YUDEN-LSQBB160808T3R3M Datasheet
352Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQCA201212T470M TAIYO-YUDEN-LSQCA201212T470M Datasheet
362Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LSQEA201212T100K TAIYO-YUDEN-LSQEA201212T100K Datasheet
363Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com