Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D03406 Datasheet (PDF) - Premier Farnell Limited.

D03406 Datasheet PDF - Premier Farnell Limited.
Part # D03406
Download  D03406 Download
File Size   155.59 Kbytes
Page   2 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 12V Lead Acid & Lithium Battery Tester

D03406 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03406 Datasheet PDF - Premier Farnell Limited.

Part # D03406
Download  D03406 Click to download

File Size   155.59 Kbytes
Page   2 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 12V Lead Acid & Lithium Battery Tester

D03406 Datasheet (HTML) - Premier Farnell Limited.


D03406 Product details

Key Features
Tests 12V sealed, lead acid batteries down to 2Ah and 12V Lithium
batteries for vehicles, motorcycles and scooters
Accurate results in milliseconds
Battery life analysis vehicle and scooters
Analysis result: Good or Replace
Large easy to read LCD display
Test results based on JIS, EN, DIN, SAE and IEC standards
Languages: English, German, Spanish, French, Dutch, Italian
Vehicle cranking system test - cranking time, voltage and status
Vehicle charging system test - load voltage, unloaded voltage, ripple status and charging system status
Store the testing result
Print function via PC printer

Application:
Use to test a wide range of 12V batteries (Starting [SLI], Deep Cycled and Marine) of Wet (Flooded),
VRLA or Maintenance Free (MF), Sealed Maintenance Free (SMF), Absorption Glass Mat (AGM) and
GEL cell. Lithium-ion batteries, The major battery standards JIS, SAE, EN, DIN and IEC are supported.




Similar Part No. - D03406

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03405 DURATOOL-D03405 Datasheet
155Kb / 1P
Handheld Anemometer
29/05/20 V1.0
D03407 DURATOOL-D03407 Datasheet
174Kb / 1P
Pocket Digital Weighing Scales
16/04/24 V1.1
D03408 DURATOOL-D03408 Datasheet
174Kb / 1P
Pocket Digital Weighing Scales
16/04/24 V1.1
D03409 DURATOOL-D03409 Datasheet
150Kb / 1P
Digital Weighing Scales
03/04/23 V1.1
More results


Similar Description - D03406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZA5076B ETC1-ZA5076B Datasheet
34Kb / 1P
LEAD ACID BATTERY CLIP
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
12V Lead-Acid Battery Charger
logo
Linear Technology
LTC3305 LINER-LTC3305_15 Datasheet
588Kb / 28P
Lead-Acid Battery Balancer
LTC3305EFE LINER-LTC3305EFE Datasheet
903Kb / 8P
Lead Acid Battery Balancer
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
LEAD ACID BATTERY CHARGER
logo
Volgen Kaga Electronics...
LABC14-12V VOLGEN-LABC14-12V Datasheet
88Kb / 2P
12V Lead-Acid Battery Smart Charger
logo
Bel Fuse Inc.
LDX-L30 BEL-LDX-L30 Datasheet
483Kb / 3P
Sealed Lead Acid Battery
logo
Shenzhen Huazhimei Semi...
HM4067C HMSEMI-HM4067C Datasheet
545Kb / 10P
4A, 12V lead-acid battery charge management IC
logo
CSB Battery Co., Ltd.
HR1234WF2 CSB-BATTERY-HR1234WF2 Datasheet
363Kb / 2P
Sealed Lead Acid Battery 12V 34W .250" Faston tabs
logo
Power Sonic Corporation
PG-12V35-FR POWER-SONIC-PG-12V35-FR Datasheet
416Kb / 2P
Rechargeable Sealed Lead Acid Battery Rechargeable Sealed Lead Acid Battery
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com