Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D03408 Datasheet (PDF) - Premier Farnell Limited.

D03408 Datasheet PDF - Premier Farnell Limited.
Part # D03408
Download  D03408 Download
File Size   174.24 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Pocket Digital Weighing Scales

D03408 Datasheet (PDF)

Go To PDF Page Download Datasheet
D03408 Datasheet PDF - Premier Farnell Limited.

Part # D03408
Download  D03408 Click to download

File Size   174.24 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Pocket Digital Weighing Scales

D03408 Datasheet (HTML) - Premier Farnell Limited.


D03408 Product details

Features
Backlit, LCD display
g, oz, ct, gn unit measurement
Tare and counting functions
56mm × 50mm Stainless steel pan
Auto shutdown
Supplied with 2x AAA batteries




Similar Part No. - D03408

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03405 DURATOOL-D03405 Datasheet
155Kb / 1P
Handheld Anemometer
29/05/20 V1.0
D03406 DURATOOL-D03406 Datasheet
155Kb / 2P
12V Lead Acid & Lithium Battery Tester
15/01/21 V1.0
D03409 DURATOOL-D03409 Datasheet
150Kb / 1P
Digital Weighing Scales
03/04/23 V1.1
More results


Similar Description - D03408

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
Sample Program: Musical Scales
logo
Texas Instruments
480227 TI-480227 Datasheet
5Mb / 794P
Pocket Data Book
logo
List of Unclassifed Man...
NSYPPA4G ETC2-NSYPPA4G Datasheet
248Kb / 1P
Diagram Pocket
CBC4 ETC2-CBC4 Datasheet
206Kb / 2P
CBC Bench Counting Scales
logo
Extech Instruments Corp...
MO230 EXTECH-MO230 Datasheet
190Kb / 1P
Pocket Moisture Meter
logo
Renesas Technology Corp
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
logo
Avia Semiconductor Co.,...
HX711 AVIA-HX711 Datasheet
268Kb / 9P
24-Bit Analog-to-Digital Converter (ADC) for Weigh Scales
logo
Core Technology (Shenzh...
CS1270 CHIPSEA-CS1270 Datasheet
719Kb / 23P
WeIghIng Special Chip Users Manual
logo
Schneider Electric
PMESWT0100 SCHNEIDER-PMESWT0100 Datasheet
164Kb / 4P
Partner Module Ethernet System Weighing Transmitter - 1 channel
Apr 20, 2022
logo
Sciosense B.V.
PS09 SCIOSENSE-PS09 Datasheet
384Kb / 3P
PS09 – Soc for Weighing and Force Measurement
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com