Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT2051_E Datasheet (PDF) - Shanghai Natlinear Electronics Co., Ltd.

XT2051_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.
Part # XT2051_E
Download  XT2051_E Download
File Size   357.28 Kbytes
Page   12 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description 1.0A Compatible With The USB Interface, Linear Battery Management Chip

XT2051_E Datasheet (PDF)

Go To PDF Page Download Datasheet
XT2051_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.

Part # XT2051_E
Download  XT2051_E Click to download

File Size   357.28 Kbytes
Page   12 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description 1.0A Compatible With The USB Interface, Linear Battery Management Chip

XT2051_E Datasheet (HTML) - Shanghai Natlinear Electronics Co., Ltd.


XT2051_E Product details

■ Features
 Programmable charge current up to 1A
 No MOSFET, sense resistor or blocking diode required
 Complete linear charger in small package for single cell lithium-ion batteries
 Constant-current/constant-voltage operation with thermal regulation to maximize charge rate without risk of overheating
 Charges single cell li-ion batteries directly from USB port
 Preset 4.2V
 Monitor output charge current
 default charging voltage of 4.2V1%, can be adjusted by the FB
 Automatic recharge
 Charge status output pin
 1/10 charge current termination
 40μA supply current in shutdown
 2.9V trickle charge threshold
 Soft-Start limits inrush current
 OVP protection function , the input is higher than 6.8V, stop charging
 Output with protection against anti-irrigation
 Available in eSOP-8/PP or eMSOP-8/PP Package
 When you unplug VIN , the IC does not consume battery power
■ General Description
The XT2051 is a constant- current / constant- voltage charger circuit for single cell lithium-ion batteries. The device includes an internal power transistor, does not need external current sense resistor and blocking diode in applications. XT2051 requires minimal external components, and meet the USB bus specification, is very suitable for portable applications in the field.
Thermal modulation circuit can control the internal chip temperature in a safe range when the device power dissipation be relatively large or the ambient temperature be higher. Within a fixed constant charge voltage 4.2V, can also be adjusted by an external resistor. Charge current set by an external resistor.
When the input voltage (AC adapter or USB power supply) power is lost, XT2051 automatically enters a low power sleep mode, then the battery current consumption is less than 0.1μA. Built-in protection circuits against irrigation, when the battery voltage is higher than the input voltage, automatically turn off built-in power MOSFET. Other features include low input voltage latch, automatic recharge, the battery temperature monitoring, Built - in OVP protection and charge status / charge status indication functions. XT2051 uses thermally enhanced 8-pin small outline package eSOP-8/PP or eMSOP-8/PP.
■ Applications
 Mobile phones
 Digital Cameras
 MP4 Player
 Bluetooth applications
 Electronic Dictionary
 portable devices
 all kinds of charger
 Mobile power




Similar Part No. - XT2051_E

ManufacturerPart #DatasheetDescription
logo
Shanghai Natlinear Elec...
XT2052 NATLINEAR-XT2052 Datasheet
269Kb / 8P
1A Compatible With the USB Interface, Linear Battery Management Chip
VER: 19C01
XT2052Y2ASR-G NATLINEAR-XT2052Y2ASR-G Datasheet
269Kb / 8P
1A Compatible With the USB Interface, Linear Battery Management Chip
VER: 19C01
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shanghai Natlinear Elec...
XT2055_E NATLINEAR-XT2055_E Datasheet
256Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
Feb. 29. 2016
XT2059_E NATLINEAR-XT2059_E Datasheet
274Kb / 9P
Programmable voltage and current linear battery management chip
Mar. 19, 2013
More results


Similar Description - XT2051_E

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8079 SHOUDING-SD8079 Datasheet
1Mb / 7P
Programmable voltage and current linear battery management chip
logo
Shenzhen Huazhimei Semi...
HM4059 HMSEMI-HM4059 Datasheet
810Kb / 9P
Programmable voltage and current linear battery management chip
HM4054R HMSEMI-HM4054R Datasheet
1Mb / 10P
Monolithic miniature linear battery management chip
HM5159B HMSEMI-HM5159B Datasheet
1Mb / 11P
Monolithic miniature linear battery management chip
HM4056C HMSEMI-HM4056C Datasheet
708Kb / 9P
1.0A Linear battery management chip compatible with USB interface
HM4055 HMSEMI-HM4055 Datasheet
1,005Kb / 10P
Monolithic miniature linear battery management chip with thermal regulation function
HM4054C HMSEMI-HM4054C Datasheet
963Kb / 10P
Monolithic miniature linear battery management chip with thermal regulation function
logo
AiT Semiconductor Inc.
A4052 AITSEMI-A4052 Datasheet
459Kb / 11P
BATTERY MANAGEMENT 1A IS COMPATIBLE WITH THE USB INTERFACE, LINEAR BATTERY MANAGEMENT CHIP
REV1.0
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
logo
Guangdong Youtai Semico...
TP4054 UMW-TP4054 Datasheet
668Kb / 11P
Micro Linear Battery Management Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com