Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34H431K-1 Datasheet (PDF) - HUAAN LIMITED

34H431K-1 Datasheet PDF - HUAAN LIMITED
Part # 34H431K-1
Download  34H431K-1 Download
File Size   294.62 Kbytes
Page   4 Pages
Manufacturer  HUAAN [HUAAN LIMITED]
Direct Link  http://www.huaandz.com/
Logo HUAAN - HUAAN LIMITED
Description 34H Series Iimp:8KA

34H431K-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
34H431K-1 Datasheet PDF - HUAAN LIMITED

Part # 34H431K-1
Download  34H431K-1 Click to download

File Size   294.62 Kbytes
Page   4 Pages
Manufacturer  HUAAN [HUAAN LIMITED]
Direct Link  http://www.huaandz.com/
Logo HUAAN - HUAAN LIMITED
Description 34H Series Iimp:8KA

34H431K-1 Datasheet (HTML) - HUAAN LIMITED


34H431K-1 Product details

Features
·Wide operating voltage (V1mA) range from 68V to
·Fast responding to transient over-voltage
·Large absorbing transient energy capability
·Low clamping ratio and no follow-on current
·Meets MSL level 1, per J-STD-020
·Operating Temperature:-40℃ ~ +85℃
·Storage Temperature:-40℃ ~ +125℃1
·UL 1449 4th for SPD Type 5 application
Applications
·Transistor, diode, IC, thyristor or triac semiconductor protection
·Surge protection in consumer electronics
·Surge protection in industrial electronics
·Surge protection in electronic home appliances, gas and petroleum appliances
·Relay and electromagnetic valve surge absorption




Similar Part No. - 34H431K-1

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
34H2A MOTIONKING-34H2A Datasheet
95Kb / 2P
2 Phase Hybrid Stepper Motor
34H2A2827 MOTIONKING-34H2A2827 Datasheet
95Kb / 2P
2 Phase Hybrid Stepper Motor
34H2A2840 MOTIONKING-34H2A2840 Datasheet
95Kb / 2P
2 Phase Hybrid Stepper Motor
34H2A2850 MOTIONKING-34H2A2850 Datasheet
95Kb / 2P
2 Phase Hybrid Stepper Motor
34H2A4827 MOTIONKING-34H2A4827 Datasheet
95Kb / 2P
2 Phase Hybrid Stepper Motor
More results


Similar Description - 34H431K-1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com