Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5502M Datasheet (PDF) - Fuji Electric

FA5502M Datasheet PDF - Fuji Electric
Part # FA5502M
Download  FA5502M Download
File Size   210.14 Kbytes
Page   21 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA5502M Datasheet (PDF)

Go To PDF Page Download Datasheet
FA5502M Datasheet PDF - Fuji Electric

Part # FA5502M
Download  FA5502M Click to download

File Size   210.14 Kbytes
Page   21 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA5502M Datasheet (HTML) - Fuji Electric


FA5502M Product details

Description
FA5502P/M is a control IC for a power factor correction system. This IC uses a CMOS device with high dielectric
strength (30V) to implement low power consumption. This IC uses the average current control system to ensure stable
operation. With this system, a power factor of 99% or better can be achieved.

Features
Low current consumption by CMOS process
Stand-by : 3μA(max), Start-up : 30μA(max), Operating : 4mA(typ)
Good regulation of PFC output voltage from no-load to full-load
Drive circuit for connecting a power MOSFET(IOUT = ±1.5A)
Pulse-by-pulse overcurrent and overvoltage limiting function
±2% accuracy reference voltage for setting DC output and overvoltage protection
Output ON/OFF control function by external signal
External synchronizing input pin for synchronous operation with other circuits
Undervoltage lockout function (ON:16.5V, OFF:8.9V)
16-pin package (DIP/SOP)




Similar Part No. - FA5502M

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
POWER SUPPLY CONTROL IC
FA5502P/M FUJI-FA5502P/M Datasheet
215Kb / 23P
POWER SUPPLY CONTROL IC
More results


Similar Description - FA5502M

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
FUJI Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
FUJI Power Supply Control IC
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com