Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7764 Datasheet (PDF) - Fuji Electric

FA7764 Datasheet PDF - Fuji Electric
Part # FA7764
Download  FA7764 Download
File Size   356.57 Kbytes
Page   18 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA7764 Datasheet (PDF)

Go To PDF Page Download Datasheet
FA7764 Datasheet PDF - Fuji Electric

Part # FA7764
Download  FA7764 Click to download

File Size   356.57 Kbytes
Page   18 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA7764 Datasheet (HTML) - Fuji Electric


FA7764 Product details

Overview
The FA7764N is a single output step-down DC-DC converter with built-in power MOSFET.
Featuring a high voltage process, it is suitable for the DC-DC converter with input voltages of up to 45 V and output currents of up to 1.5 A.
It operates with the current mode control and also it can reduce external parts. Furthermore it achieves a fast response.
The circuit protections are built-in to achieve safety power supply circuit.

Features
- Single output with the built-in power MOSFET.
- High efficiency 85% at 24V input and 5 V/1.2 A output with 200kHz operation.
- Stable operation with current mode control.
- Switching frequency selectable from 30 kHz to 400 kHz.
- ON/OFF function: Current consumption 0.1mA(max.) at OFF mode.
- Current consumption of the VCC terminal during operation is 0.5mA(typ.).
- Protection functions: Over current limitation for the power MOSFET Soft start (8 ms) Short-circuit protection with the timer and latch (90ms delay time) Thermal shut down Protection for opened rectifier diode
- SOP-8pin package with the exposed pad.




Similar Part No. - FA7764

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
For Switching Power Supply Control
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
logo
List of Unclassifed Man...
FA7701V ETC-FA7701V Datasheet
182Kb / 13P
For Switching Power Supply Control
logo
Fuji Electric
FA7701V FUJI-FA7701V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
FUJI Power Supply Control IC
More results


Similar Description - FA7764

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
FUJI Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
FUJI Power Supply Control IC
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com