Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7701V Datasheet (PDF) - Fuji Electric

FA7701V Datasheet PDF - Fuji Electric
Part # FA7701V
Download  FA7701V Download
File Size   278.98 Kbytes
Page   19 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA7701V Datasheet (PDF)

Go To PDF Page Download Datasheet
FA7701V Datasheet PDF - Fuji Electric

Part # FA7701V
Download  FA7701V Click to download

File Size   278.98 Kbytes
Page   19 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA7701V Datasheet (HTML) - Fuji Electric


FA7701V Product details

Description

FA7700V/FA7701V are the PWM type DC to DC converter control ICs with 1ch output that can directly drive power MOSFETs. CMOS devices with high breakdown voltage are used in these ICs and low power consumption is achieved. These ICs have the many functions equivalent to those which our conventional version bipolar ICs – FA76XX series- have,and have merits of output ON/OFF control function,directly driving Nch/Pch MOSFETs,low power consumption , higher frequency operation, and less external discrete components.



Features

• Wide range of supply voltage.: VCC=2.5 to 20V

• FA7700V—for boost, flyback converter (Maximum output duty cycle is 80%)

  FA7701V—for buck converter (Maximum output duty cycle is 100%)

• output stage consist of CMOS push-pull circuit, and achieves a high speed switching of external MOSFETs.

  (FA7700V: for Nch-MOSFET driving, FA7701V: for Pch-MOSFET driving)

• High accuracy reference voltage (Error amplifier): 0.88V±2%

• Soft start function.

• Adjustable built-in timer latch for short-circuit protection.

• Output ON/OFF control function

• Less external discrete components needed (2 components less than conventional version of the equivalent products)

• Low power consumption

   Stand-by current: 40μA(typ.)

   Operating current: 1.2mA(typ.) (including error amplifier output current and oscillator current)

• High frequency operation: 50kHz to 1MHz

• Package: TSSOP-8(thin and small)



 




Similar Part No. - FA7701V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA7701V ETC-FA7701V Datasheet
182Kb / 13P
For Switching Power Supply Control
More results


Similar Description - FA7701V

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
FUJI Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
FUJI Power Supply Control IC
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com