Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD451WDPYRQ1 Datasheet (PDF) - Texas Instruments

ESD451WDPYRQ1 Datasheet PDF - Texas Instruments
Part # ESD451WDPYRQ1
Download  ESD451WDPYRQ1 Download
File Size   1405.31 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD451W-Q1 Automotive 1-Channel ±30kV Bidirectional ESD Diode in a Wettable Flank 0402 Package

ESD451WDPYRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD451WDPYRQ1 Datasheet PDF - Texas Instruments

Part # ESD451WDPYRQ1
Download  ESD451WDPYRQ1 Click to download

File Size   1405.31 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD451W-Q1 Automotive 1-Channel ±30kV Bidirectional ESD Diode in a Wettable Flank 0402 Package

ESD451WDPYRQ1 Datasheet (HTML) - Texas Instruments


ESD451WDPYRQ1 Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• ISO 10605 (150pF, 330Ω & 330pF, 330Ω) ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 6A (8/20μs)
• IO capacitance:
– 0.5pF (typical)
• DC breakdown voltage: ±8V (typical)
• Ultra low leakage current: 50nA (maximum)
• Extremely low ESD clamping voltage
– 10.4V at 16A TLP
– RDYN: 0.19Ω
• Low insertion loss: 3.5GHz (-3dB bandwidth)
• Supports high speed interfaces up to 6Gbps
• Industrial temperature range: -55°C to +150°C
• Space saving industry standard 0402 footprint (1.0mm × 0.6mm)
• AEC-Q101 Qualified




Similar Part No. - ESD451WDPYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD451 TI-ESD451 Datasheet
685Kb / 12P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD451 TI-ESD451 Datasheet
836Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI2-ESD451 Datasheet
804Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI2-ESD451 Datasheet
1Mb / 22P
ESD451 1-Channel ±30kV Bidirectional ESD Diode in an 0201 and 0402 Package
REVISED DECEMBER 2025
logo
Shanghai Leiditech Elec...
ESD4511D3 LEIDITECH-ESD4511D3 Datasheet
866Kb / 4P
BIDIRECTIONAL TVS DIODE
More results


Similar Description - ESD451WDPYRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL120N4F6AG STMICROELECTRONICS-STL120N4F6AG Datasheet
971Kb / 15P
Wettable flank package
09-Mar-2017
logo
Texas Instruments
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V03 Datasheet
3Mb / 45P
TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
logo
ON Semiconductor
NV24C512MUW ONSEMI-NV24C512MUW Datasheet
232Kb / 11P
EEPROM Serial 512-Kb I2C -Automotive Grade 1 in Wettable Flank UDFN Package
July, 2020 - Rev. 3
NV24C64MUW ONSEMI-NV24C64MUW Datasheet
229Kb / 10P
EEPROM Serial 64-Kb I2C Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 3
NV24M01MUW ONSEMI-NV24M01MUW Datasheet
235Kb / 11P
EEPROM Serial 1-Mb I2C - Automotive Grade 1 in Wettable Flank UDFN8 Package
April, 2021 - Rev. 5
NV25010MUW ONSEMI-NV25010MUW Datasheet
233Kb / 11P
EEPROM Serial 1/2/4-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 3
NV25256MUW ONSEMI-NV25256MUW Datasheet
250Kb / 12P
EEPROM Serial 256-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 2
NV25320MUW ONSEMI-NV25320MUW Datasheet
237Kb / 12P
EEPROM Serial 32-Kb SPI Automotive Grade 1 in Wettable Flank UDFN-8 Package
July, 2020 - Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com