Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOTMP35RDFPR Datasheet (PDF) - Texas Instruments

ISOTMP35RDFPR Datasheet PDF - Texas Instruments
Part # ISOTMP35RDFPR
Download  ISOTMP35RDFPR Download
File Size   1869.19 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage

ISOTMP35RDFPR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOTMP35RDFPR Datasheet PDF - Texas Instruments

Part # ISOTMP35RDFPR
Download  ISOTMP35RDFPR Click to download

File Size   1869.19 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage

ISOTMP35RDFPR Datasheet (HTML) - Texas Instruments


ISOTMP35RDFPR Product details

1 Features
• Robust integrated isolation:
– Withstand isolation voltage: 5kVRMS
– Isolation working voltage: 1.06kVRMS
– Isolation barrier lifetime: > 15 years
– Basic isolation option available
• Temperature sensor accuracy:
– ±0.5°C typical at 25°C
– ±2.0°C maximum from 0°C to 70°C
– ±3.0°C maximum from –40°C to 150°C
• Wide supply range: 3.1V to 34V
• Analog Output:
– 10mV/°C positive slope
– 500mV offset at 0°C
– Output voltage range: 100mV to 2.0V
• Fast thermal response: < 4s
• High CMTI: 65kV/μs
• Low power consumption: 45μA (typical)
• DFP (SSOP-12) package
• Safety-related certifications:
– 5kVRMS isolation for 1 minute per UL 1577




Similar Part No. - ISOTMP35RDFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOTMP35R TI2-ISOTMP35R Datasheet
1Mb / 23P
ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R TI2-ISOTMP35R Datasheet
1Mb / 20P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 20P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 23P
ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 37P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
REVISED APRIL 2026
More results


Similar Description - ISOTMP35RDFPR

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SDP1108-R SENSIRION-SDP1108-R Datasheet
286Kb / 7P
Low Differential Pressure Sensor with fast response time
Version 2.1
logo
Texas Instruments
AMC23C11 TI-AMC23C11 Datasheet
1Mb / 30P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 32P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 26P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
MARCH 2022
AMC23C10 TI-AMC23C10_V01 Datasheet
1Mb / 34P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C11 TI-AMC23C11_V01 Datasheet
1Mb / 41P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12 TI-AMC23C12_V01 Datasheet
1Mb / 44P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C15 TI-AMC23C15 Datasheet
1Mb / 42P
AMC23C15 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35 TI-ISOTMP35 Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com