Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGM7300C Datasheet (PDF) - TOKYO KEISO CO.,LTD.

EGM7300C Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # EGM7300C
Download  EGM7300C Download
File Size   181.91 Kbytes
Page   7 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description EGM7300C Capacitance detection type Compact Electromagnetic Flowmeter

EGM7300C Datasheet (PDF)

Go To PDF Page Download Datasheet
EGM7300C Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # EGM7300C
Download  EGM7300C Click to download

File Size   181.91 Kbytes
Page   7 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description EGM7300C Capacitance detection type Compact Electromagnetic Flowmeter

EGM7300C Datasheet (HTML) - TOKYO KEISO CO.,LTD.


EGM7300C Product details

FEATURES
❏ Low conductivity liquid measurement down to 0.05 μS/cm
Organic solvents, demineralized water....Liquids which have not
been measured by Electromagnetic flowmeters due to low
conductivity are now in the range of measurement !
❏ High anti-corrosive capability, high durability against erosion....
The non-wetted electrodes and high-purity ceramics measuring
tube have eliminated all existing problems such as corrosion,
erosion and electrode troubles.
❏ Stable measurement even for highly concentrated slurry liquids
Free from noises generated when solid particles in slurry
contacting to the electrodes thanks to non-wetted electrode
design.
❏ Stable measurement of high adhesive liquids
Without liquid contact, non-wetted electrodes are very durable
against adhesive liquids. Maintenance free !
❏ High anti-vibration capability
Flat capacitance electrodes and pre-amplifier are fully integrated on
the outer surface of measuring tube by Microsystems Technology.
Eliminating the vibration effects caused by internal wirings,
EGM7300C with the rigid and fixed construction has reduced
significantly fluctuations of indication effected by process vibration
compared with the conventional capacitance type electromagnetic
flowmeters.
❏ High accuracy of ±0.5% of reading
❏ Blue dot matrix LCD with back light
Versatile indications with 1 to 3 lines of display
❏ Quick and easy setting up when altering of flow rate range and
pulse rate
A touch panel system by an infrared sensor allows you to alter
the settings without removing the cover of the conversion section.
❏ 10 kHz high-speed pulse output
Capable of responding to short batch processes
❏ Compact design with high performance
Current and pulse output, bi-directional measurement, double
range, status (alarm, etc.) output, control input…Full function
provided in compact design.




Similar Part No. - EGM7300C

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
EGM1100C KEISO-EGM1100C Datasheet
180Kb / 7P
Compact Electromagnetic Flowmeter
Dec 2018
EGM1300C KEISO-EGM1300C Datasheet
242Kb / 8P
EGM1300C
Jan 2017
EGM2050C KEISO-EGM2050C Datasheet
194Kb / 10P
EGM2050C
Apr 2019
EGM2100C KEISO-EGM2100C Datasheet
174Kb / 9P
EGM2100C
Feb 2022
EGM2300C KEISO-EGM2300C Datasheet
296Kb / 12P
EGM2300C
May 2019
More results


Similar Description - EGM7300C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-61H FUJI-EDS6-61H Datasheet
471Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-64A FUJI-EDS6-64A Datasheet
525Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-65 FUJI-EDS6-65 Datasheet
533Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW, SEPARATE TYPE)
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
EDS6-73G FUJI-EDS6-73G Datasheet
203Kb / 6P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-74B FUJI-EDS6-74B Datasheet
249Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW, SEPARATE TYPE)
EDS6-119 FUJI-EDS6-119 Datasheet
205Kb / 12P
E SERIESE ELECTROMAGNETIC FLOWMETER(INTEGRAL TYPE)
EDS6-120 FUJI-EDS6-120 Datasheet
220Kb / 12P
E SERIESE ELECTROMAGNETIC FLOWMETER(SEPARATE TYPE)
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com