Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S201-B20 Datasheet (PDF) - ABB

S201-B20 Datasheet PDF - ABB
Part # S201-B20
Download  S201-B20 Download
File Size   71.38 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 - 1P - B - 20 A

S201-B20 Datasheet (PDF)

Go To PDF Page Download Datasheet
S201-B20 Datasheet PDF - ABB

Part # S201-B20
Download  S201-B20 Click to download

File Size   71.38 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 - 1P - B - 20 A

S201-B20 Datasheet (HTML) - ABB


S201-B20 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
S201-B20
2CDS251001R0205
4016779465106
Miniature Circuit Breaker - S200 - 1P - B - 20 A
System pro M compact S200 miniature circuit breakers are current limiting. They have two
different tripping mechanisms, the delayed thermal tripping mechanism for overload
protection and the electromechanic tripping mechanism for short circuit protection. They are
available in different characteristics (B,C,D,K,Z), configurations (1P,1P+N,2P,3P,3P+N,4P),
breaking capacities (up to 6 kA at 230/400 V AC) and rated currents (up to 63A). All MCBs
of the product range S200 comply with IEC/EN 60898-1, IEC/EN 60947-2, UL1077 and CSA
22.2 No. 235, allowing the use for residential, commercial and industrial applications.
Bottom-fitting auxiliary contact can be mounted on S200 to save 50% space.




Similar Part No. - S201-B20

ManufacturerPart #DatasheetDescription
logo
ABB
S201-B25 ABB-S201-B25 Datasheet
71Kb / 3P
Miniature Circuit Breaker - S200 - 1P - B - 25 A
More results


Similar Description - S201-B20

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU115 SCHNEIDER-QOU115 Datasheet
90Kb / 2P
QOU Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA
QOU160 SCHNEIDER-QOU160 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 60A, 1P, 120/240V, 10kA
QOU170 SCHNEIDER-QOU170 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 70A, 1P, 120/240V, 10kA
QOU180 SCHNEIDER-QOU180 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 80A, 1P, 120/240V, 10kA
QOU1100 SCHNEIDER-QOU1100 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 100A, 1P. 120/240V, 10kA
Feb 21, 2020
QOUR110 SCHNEIDER-QOUR110 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUQ115 SCHNEIDER-QOUQ115 Datasheet
97Kb / 2P
QOUQ Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA
QOU145 SCHNEIDER-QOU145 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 45A, 1P, 120/240V, 10kA
QOU150VH SCHNEIDER-QOU150VH Datasheet
112Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 22kA
logo
Eaton All Rights Reserv...
FAZ-C61 EATON-FAZ-C61 Datasheet
121Kb / 3P
Miniature circuit breaker (MCB), 6 A, 1p, characteristic: C
04/06/2023
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com