Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S202-B32 Datasheet (PDF) - ABB

S202-B32 Datasheet PDF - ABB
Part # S202-B32
Download  S202-B32 Download
File Size   69.68 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 - 2P - B - 32 A

S202-B32 Datasheet (PDF)

Go To PDF Page Download Datasheet
S202-B32 Datasheet PDF - ABB

Part # S202-B32
Download  S202-B32 Click to download

File Size   69.68 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 - 2P - B - 32 A

S202-B32 Datasheet (HTML) - ABB


S202-B32 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
S202-B32
2CDS252001R0325
4016779467209
Miniature Circuit Breaker - S200 - 2P - B - 32 A
System pro M compact S200 miniature circuit breakers are current limiting. They have two
different tripping mechanisms, the delayed thermal tripping mechanism for overload
protection and the electromechanic tripping mechanism for short circuit protection. They are
available in different characteristics (B,C,D,K,Z), configurations (1P,1P+N,2P,3P,3P+N,4P),
breaking capacities (up to 6 kA at 230/400 V AC) and rated currents (up to 63A). All MCBs
of the product range S200 comply with IEC/EN 60898-1, IEC/EN 60947-2, UL1077 and CSA
22.2 No. 235, allowing the use for residential, commercial and industrial applications.
Bottom-fitting auxiliary contact can be mounted on S200 to save 50% space.




Similar Part No. - S202-B32

ManufacturerPart #DatasheetDescription
logo
ABB
S202-B10 ABB-S202-B10 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - B - 10 A
S202-B16 ABB-S202-B16 Datasheet
113Kb / 5P
Miniature Circuit Breaker - S200 - 2P - B - 16 ampere
S202-B20 ABB-S202-B20 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - B - 20 A
S202-B25 ABB-S202-B25 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - B - 25 A
S202-B40 ABB-S202-B40 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 2P - B - 40 A
More results


Similar Description - S202-B32

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU215H SCHNEIDER-QOU215H Datasheet
95Kb / 2P
QOU Miniature Circuit Breaker, 15A, 2P, 240V, 10kA
Feb 21, 2020
QOU220H SCHNEIDER-QOU220H Datasheet
108Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA
QOU230 SCHNEIDER-QOU230 Datasheet
110Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
QOU230H SCHNEIDER-QOU230H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 240V, 10kA
QOU240 SCHNEIDER-QOU240 Datasheet
106Kb / 2P
QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOU270 SCHNEIDER-QOU270 Datasheet
93Kb / 2P
QOU Miniature Circuit Breaker, 70A, 2P, 120/240V, 10kA
QOUR220 SCHNEIDER-QOUR220 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR230 SCHNEIDER-QOUR230 Datasheet
107Kb / 2P
QOUR Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
Feb 21, 2020
QOU225H SCHNEIDER-QOU225H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 25A, 2P, 240V, 10kA
A9F44220 SCHNEIDER-A9F44220 Datasheet
81Kb / 2P
Acti9 iC60N 2P 20A C Miniature Circuit breaker
23-Feb-2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com