Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61290 Datasheet (PDF) - Texas Instruments

TPS61290 Datasheet PDF - Texas Instruments
Part # TPS61290
Download  TPS61290 Download
File Size   2771.71 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61290x 5.5V, 11A, Synchronous Boost Converter With Bypass Mode, I2C Interface, and Fast Transient Response

TPS61290 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61290 Datasheet PDF - Texas Instruments

Part # TPS61290
Download  TPS61290 Click to download

File Size   2771.71 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61290x 5.5V, 11A, Synchronous Boost Converter With Bypass Mode, I2C Interface, and Fast Transient Response

TPS61290 Datasheet (HTML) - Texas Instruments


TPS61290 Product details

1 Features
• Wide VIN range from 1.8V to 5.5V
– Start-up input voltage: 2.2V
• Programmable average input current limit (3.5A to 11A) through I2C
• Programmable output voltage (2.35V to 5.5V) through I2C.
– For TPS61290, default 3.4V
– For TPS612901, if VSEL = L, default 5V; if VSEL = H, default 5.25V
• < 150mV undershoot at VIN = 2.7V, VOUT = 3.4V, IOUT = 0A → 3A (0.2A/μs slew rate)
• Integrated bypass MOSFET (8mΩ), high-side MOSFET (8mΩ), low-side MOSFET (10mΩ)
• Auto bypass mode when VIN > VOUT
• Auto PFM operation or Forced PWM selectable at light load
• Output discharge function when EN logic is low
• True disconnection between input and output during shutdown
• Thermal shutdown and over current protection
• I2C compatible I/F up to 1Mbps
• 1.2V I/O logic control interface
• 16-ball WCSP package




Similar Part No. - TPS61290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61291 TI1-TPS61291 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291 TI2-TPS61291 Datasheet
1Mb / 26P
TPS61291 Low Iq Boost Converter with Bypass Operation
REVISED SEPTEMBER 2014
TPS61291DRVR TI1-TPS61291DRVR Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291DRVR TI2-TPS61291DRVR Datasheet
1Mb / 26P
TPS61291 Low Iq Boost Converter with Bypass Operation
REVISED SEPTEMBER 2014
TPS61291DRVR.A TI2-TPS61291DRVR.A Datasheet
1Mb / 26P
TPS61291 Low Iq Boost Converter with Bypass Operation
REVISED SEPTEMBER 2014
More results


Similar Description - TPS61290

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
Fast Transient Response
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
Fast Transient Response
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
EV3376-R-00A MPS-EV3376-R-00A Datasheet
1Mb / 6P
8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
logo
Texas Instruments
TPS63810 TI1-TPS63810 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com