Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXG4122DR Datasheet (PDF) - Texas Instruments

TXG4122DR Datasheet PDF - Texas Instruments
Part # TXG4122DR
Download  TXG4122DR Download
File Size   1127.27 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG4122 ±40V Bidirectional Ground-Level Translator for I2C

TXG4122DR Datasheet (PDF)

Go To PDF Page Download Datasheet
TXG4122DR Datasheet PDF - Texas Instruments

Part # TXG4122DR
Download  TXG4122DR Click to download

File Size   1127.27 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG4122 ±40V Bidirectional Ground-Level Translator for I2C

TXG4122DR Datasheet (HTML) - Texas Instruments


TXG4122DR Product details

1 Features
• Bidirectional I2C compatible communication
• Support for Standard-mode, Fast-mode, and Fastmode Plus I2C operation
• Supports DV shifts up to ±40V
• Data rate up to 1MHz
• Side 1 Supply Range: 3V to 5.5V
• Side 2 Supply Range: 2.25V to 5.5V
• Maximum capacitive load:
– 80pF (Side 1) and 550pF (Side 2)
• Open -drain outputs with current sink capability:
– 16.5mA (Side 1) and 30mA (Side 2)
• Low power consumption at 400kHz (typical):
– ICC1 = 4.2mA, ICC2 = 0.9mA
• Operating temperature from –40°C to +125°C
• CMTI of 2kV/μs
• Latch-up performance exceeds 100mA per JESD 78, class II
• ESD protection exceeds JESD 22
– 2000V human-body model
– 500V charged-device model
• Package options provided: SOIC (8D), WSON (8DSG), SOT-23 (8DDF)




Similar Part No. - TXG4122DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXG4020 TI2-TXG4020 Datasheet
1Mb / 40P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
TXG4020 TI2-TXG4020 Datasheet
2Mb / 38P
TXG402x-Q1 2-bit, ±40V Ground-Level Translator
MAY 2025
TXG4020 TI2-TXG4020 Datasheet
1Mb / 40P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
TXG4020 TI2-TXG4020 Datasheet
2Mb / 43P
TXG402x 2-bit, ±40V Ground-Level Translator
REVISED JULY 2025
TXG4020 TI2-TXG4020 Datasheet
3Mb / 44P
TXG402x-Q1 2-bit, ±40V Ground-Level Translator
REVISED MARCH 2026
More results


Similar Description - TXG4122DR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
Dual bidirectional I2C-bus and SMBus voltage-level translator
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
G3403 GMT-G3403 Datasheet
39Kb / 1P
Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
ON Semiconductor
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com