Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LELRF-2-A Datasheet (PDF) - Broyce Control

LELRF-2-A Datasheet PDF - Broyce Control
Part # LELRF-2-A
Download  LELRF-2-A Download
File Size   473.19 Kbytes
Page   1 Pages
Manufacturer  BROYCECONTROL [Broyce Control]
Direct Link  https://broycecontrol.com/
Logo BROYCECONTROL - Broyce Control
Description Earth Leakage Relay (Fixed) – Type A

LELRF-2-A Datasheet (PDF)

Go To PDF Page Download Datasheet
LELRF-2-A Datasheet PDF - Broyce Control

Part # LELRF-2-A
Download  LELRF-2-A Click to download

File Size   473.19 Kbytes
Page   1 Pages
Manufacturer  BROYCECONTROL [Broyce Control]
Direct Link  https://broycecontrol.com/
Logo BROYCECONTROL - Broyce Control
Description Earth Leakage Relay (Fixed) – Type A

LELRF-2-A Datasheet (HTML) - Broyce Control


LELRF-2-A Product details

Compact 17.5mm wide DIN rail housing allows for product to be used where space is tight
Designed to monitor and detect true RMS fault currents
Protected against nuisance tripping
Microprocessor controlled
Relay normally de-energised and energises on trip
Fixed trip level: 30, 100 or 300mA*
Fixed time delay: inst.
Combined “Test” and “Reset” push button
SPDT relay output 7A
Green LED indicates presence of power supply
Red LED permanently illuminates indicating unit has tripped or flashes if external toroid has been
disconnected
Compliant with IEC 60947-2 Annex M




Similar Part No. - LELRF-2-A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LELBMA-CQ OSRAM-LELBMA-CQ Datasheet
1Mb / 23P
Compact lightsource in SMT technology
LELBMB-34 OSRAM-LELBMB-34 Datasheet
2Mb / 25P
Compact lightsource in SMT technology
logo
List of Unclassifed Man...
LELK1-30299-176-V ETC2-LELK1-30299-176-V Datasheet
2Mb / 28P
Hydraulic Magnetic Circuit Protectors
More results


Similar Description - LELRF-2-A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B Datasheet
147Kb / 12P
Earth Leakage Detector
KA2807 FAIRCHILD-KA2807 Datasheet
47Kb / 6P
Earth Leakage Detector
KA2803B FAIRCHILD-KA2803B_11 Datasheet
690Kb / 11P
Earth Leakage Detector
logo
Unisonic Technologies
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
logo
ON Semiconductor
KA2803B ONSEMI-KA2803B Datasheet
1Mb / 13P
Earth Leakage Detector
January 2014 Rev. 1.0.8
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
logo
First Silicon Co., Ltd
CC54123P FS-CC54123P Datasheet
674Kb / 7P
Earth Leakage Detector
FA2803P FS-FA2803P Datasheet
611Kb / 7P
Earth Leakage Detector
logo
ON Semiconductor
KA2803 ONSEMI-KA2803 Datasheet
833Kb / 13P
Earth Leakage Detector
August, 2020 ??Rev. 7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com