|
Description
The DIO1467 is a dual Double-Pole, Double-Throw (DPDT) analog switch. The DIO1467 operates from a
single 1.65 V to 5.5 V supply and features an ultra-low on resistance of 2.4 Ω on the data path. This device is
fabricated with sub-micron CMOS technology to achieve fast switching speeds and is designed for
break-before-make operation.
The DIO1467 features very low quiescent current even when the control voltage is lower than the VCC supply.
This feature allows mobile handset applications to directly interface with the baseband processor
general-purpose I/Os.
The DIO1467 provides packages with Green QFN1.8*2.6-16, QFN3*3-16, and QFN2.5*2.5-16.
Features
Switch type: DPDT (2X)
Input type: Data/audio switch
Voltage operation: 1.65 V to 5.5 V
Low on resistance of data path: 2.4 Ω
Bandwidth: 180 MHz
30 pF CON at 1 MHz
Excellent on resistance matching
Low power consumption
ESD CDM level = C3 at ±2000 V
ESD HBM level = 3B at ±8000 V
Green packaged: QFN1.8*2.6-16, QFN3*3-16,
and QFN2.5*2.5-16
Applications
Cell-phone/PDA
MP3/MP4/PMP
Portable instrumentation
Battery-powered communications
Computer peripherals
|