Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2663 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2663 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2663
Download  DIO2663 Download
File Size   362.69 Kbytes
Page   7 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Filter Driver

DIO2663 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2663 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2663
Download  DIO2663 Click to download

File Size   362.69 Kbytes
Page   7 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Filter Driver

DIO2663 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2663 Product details

Features
 Triple 6th-order 35MHz HD filters
 6dB Output Driver Gain and
Drive Dual Video Load
 Transparent Input Clamping
 AC or DC Coupled Inputs
 AC or DC Coupled Outputs
 Operates from 3.135V to 5.25V
 Single Power Supply
 40mA Typical Supply Current
 RoHS or Green SOIC-8 Package
 8kV ESD protection
Applications
 DVD Players
 Video Amplifiers
 Cable set-top boxes
 Personal Video Recorders
 Communications Devices
 Video on Demand
Descriptions
DIO2663 is a low voltage, triple video amplifier
with integrated 6dB reconstruction filter and
input clamps. All three channels c
Component and RGB video signals. It provides
improved image quality compared to the passive
LC filters.
DIO2663 can be directly driven by a DC
or an AC-coupled signal.
clamps and bias circuitry may be used if
AC-coupled inputs are required. The output in
DIO2663 can also drive AC or DC coupled single
(1509) or dual (759) loads. The DC coupling
capacitors can be removed.
63 can accept
63 DC-coupled
Internal diode-like




Similar Part No. - DIO2663

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2664 DIOO-DIO2664 Datasheet
563Kb / 9P
Video Filter Driver
TSSOPRev
DIO2664CT14 DIOO-DIO2664CT14 Datasheet
563Kb / 9P
Video Filter Driver
TSSOPRev
More results


Similar Description - DIO2663

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
HDTV Video Filter Driver
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
Definition Video Filter Driver
SGM9126 SGMICRO-SGM9126 Datasheet
293Kb / 10P
Definition Video Filter Driver
SGM9115 SGMICRO-SGM9115_16 Datasheet
280Kb / 11P
SDTV Video Filter Driver
SGM9132 SGMICRO-SGM9132 Datasheet
309Kb / 11P
3-Channel, Video Filter Driver
SGM9133 SGMICRO-SGM9133 Datasheet
387Kb / 13P
4-Channel, Video Filter Driver
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
Standard Definition Video Filter Driver
SGM9155 SGMICRO-SGM9155 Datasheet
504Kb / 13P
Single Channel, Video Filter Driver
logo
ON Semiconductor
FMS6363A ONSEMI-FMS6363A Datasheet
454Kb / 12P
Video Filter Driver
Rev. 2.0.2
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
Standard Definition Video Filter Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com