Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2664 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2664 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2664
Download  DIO2664 Download
File Size   563.6 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Filter Driver

DIO2664 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2664 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2664
Download  DIO2664 Click to download

File Size   563.6 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Filter Driver

DIO2664 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2664 Product details

Features
 One CVBS channel with 6th-order,
 Three channels with per channel
37MHz filter
 Transparent Input Clamping
 Fixed 6dB Gain
 AC or DC Coupled Inputs
 AC or DC Coupled Outputs
 Operates from 3.135V to 5.25V
 Single Power Supply
 RoHS or Green TSSOP-14 Package
 8kV ESD protection
Applications
 DVD Players
 Video Amplifiers
 Cable set-top boxes
 Personal Video Recorders
 Communications Devices
 Video on Demand
9MHz filter
a 6th-order,
Descriptions
DIO2664 is a low voltage, four channels video
amplifier with integrated 6dB reconstruction
filter and input clamps. In fact,
integrates a single CVBS (SD) video driver plus a
triple 1080i HD video driver. DIO2
improve image quality compared to the passive
LC filters.
All channels can be directly driven by a
DC-coupled or an AC-coupled signal. Internal
diode-like clamps and bias circuitry may be used
if AC-coupled inputs are required. The output
in DIO2664 can also drive AC or DC coupled
single (150Ω) or dual (75Ω) loads. The DC
coupling capacitors can be removed.
s
DIO2664
DIO2664 can
e




Similar Part No. - DIO2664

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2663 DIOO-DIO2663 Datasheet
362Kb / 7P
Video Filter Driver
SOICRev
DIO2663CS8 DIOO-DIO2663CS8 Datasheet
362Kb / 7P
Video Filter Driver
SOICRev
More results


Similar Description - DIO2664

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
HDTV Video Filter Driver
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
Definition Video Filter Driver
SGM9126 SGMICRO-SGM9126 Datasheet
293Kb / 10P
Definition Video Filter Driver
SGM9115 SGMICRO-SGM9115_16 Datasheet
280Kb / 11P
SDTV Video Filter Driver
SGM9132 SGMICRO-SGM9132 Datasheet
309Kb / 11P
3-Channel, Video Filter Driver
SGM9133 SGMICRO-SGM9133 Datasheet
387Kb / 13P
4-Channel, Video Filter Driver
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
Standard Definition Video Filter Driver
SGM9155 SGMICRO-SGM9155 Datasheet
504Kb / 13P
Single Channel, Video Filter Driver
logo
ON Semiconductor
FMS6363A ONSEMI-FMS6363A Datasheet
454Kb / 12P
Video Filter Driver
Rev. 2.0.2
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
Standard Definition Video Filter Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com