| Electronic Components Datasheet Search |
|
DIO2664 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO2664 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD |
|
3 / 9 page ![]() www.dioo.com Absolute Maximum Ratings Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any operational sections of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods may affect device reliability. Parameter Supply Voltage Input Voltage Storage Temperature Range Junction Temperature Lead Temperature Range TSSOP-14 ӨJC TSSOP-14 ӨJA ESD HBM, JEDEC: JESD22 Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum Ratings. Parameter Supply Voltage Operating Temperature Range DIO2664 © 2015 DIOO MICROCIRCUITS CO., LTD DIO Absolute Maximum Ratings Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods Parameter Rating 0 to 6.0 -0.3 to VCC+0.3 -65 to 150 150 260 35 125 HBM, JEDEC: JESD22-A114 8 Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal ions. DIOO does not recommend exceeding them or designing to Absolute Maximum Rating 3.135 to 5.25 -40 to 85 DIOO MICROCIRCUITS CO., LTD IO2664• Rev. 1.2 Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are other condition beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods Unit V +0.3 V 65 to 150 °C °C °C °C/W °C/W kV The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal ions. DIOO does not recommend exceeding them or designing to Absolute Maximum Unit V °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |