Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIMLINE Datasheet (PDF) - Permco, Inc.

SLIMLINE Datasheet PDF - Permco, Inc.
Part # SLIMLINE
Download  SLIMLINE Download
File Size   1394.56 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Dump Truck

SLIMLINE Datasheet (PDF)

Go To PDF Page Download Datasheet
SLIMLINE Datasheet PDF - Permco, Inc.

Part # SLIMLINE
Download  SLIMLINE Click to download

File Size   1394.56 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Dump Truck

SLIMLINE Datasheet (HTML) - Permco, Inc.


SLIMLINE Product details

• Designed for automatic transmission
applications where mounting space is
tight without incurring the added cost of a
extended shaft PTO
• Pump and cylinder protected in the “Raise”
and “Neutral” position of the spool
• Air shift with full metering capabilities
• Built-in load check maintains dump body
angle and is installed in the cylinder port
for superior self-cleaning
• SAE “B” 4 bolt mounting flange
• Built-in direct acting relief valve set at
factory
• 100% factory tested
• Flows of 21.65 Theoretical
GPM at 1000 RPM
• Pressures to 2100 PSI
• Speeds to 2400 RPM
• High strength alloy steel gear and shaft
set
• Neutral lock-out safety cap for use with
pull-out cable
• Must be plumbed as a 3 line system
• Pressure balanced wear plates maintain
high pump efficiency throughout all
operating ranges
• Higher flow main relief to eliminate
saturation issues common when using light
duty dump pumps




Similar Part No. - SLIMLINE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SLIM-MOX100 OHMITE-SLIM-MOX100 Datasheet
439Kb / 5P
Current pulse limiters
SLIM-MOX10002 OHMITE-SLIM-MOX10002 Datasheet
439Kb / 5P
Current pulse limiters
SLIM-MOX10003 OHMITE-SLIM-MOX10003 Datasheet
439Kb / 5P
Current pulse limiters
SLIM-MOX101 OHMITE-SLIM-MOX101 Datasheet
439Kb / 5P
Current pulse limiters
SLIM-MOX10102 OHMITE-SLIM-MOX10102 Datasheet
439Kb / 5P
Current pulse limiters
More results


Similar Description - SLIMLINE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
LOAD DUMP TRANSIENT PROTECTION
Apr-2000
logo
Taiwan Semiconductor Co...
TAR5025 TSC-TAR5025 Datasheet
54Kb / 2P
50.0 AMPS. Load Dump Rectifiers
logo
Sensitron
SCP-4188 SENSITRON-SCP-4188 Datasheet
60Kb / 2P
Load Dump Protector
logo
Sensortechnics GmbH
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
Switching solenoid dump valve
logo
IK Semicon Co., Ltd
IK642B IKSEMICON-IK642B Datasheet
417Kb / 11P
load-dump protected
logo
Mallory performance clu...
PN2957 MALLORY-PN2957 Datasheet
8Mb / 24P
Atomic LS Master Truck EFI Kits
logo
TE Connectivity Ltd
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
Transient protection load dump
22-Jun-2012
logo
List of Unclassifed Man...
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com