Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIMLINE Datasheet(PDF) 2 Page - Permco, Inc.

Part # SLIMLINE
Description  Dump Truck
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.

SLIMLINE Datasheet(HTML) 2 Page - Permco, Inc.

  SLIMLINE Datasheet HTML 1Page - Permco, Inc. SLIMLINE Datasheet HTML 2Page - Permco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Permco USA | 1500 Frost Road | P. O. Box 2068 | Streetsboro, Ohio 44241
Copyright © 2015 © Bulletin # SlimLine-0918 Version 1.2
www.permco.com
Pump/Valve Assembly
Dimensional Data (inches)
Permco is a leading
manufacturer of high-pressure
hydraulic gear/vane pumps
and motors, flow dividers,
intensifiers, and accessories.
Available in a wide variety of
sizes and configurations to suit
your application needs.
Our Online Support is available
24/7/365 for your needs!
Email: support@permco.com
Call: (800) 626.2801
Ordering Code
Install
**Must be used in a 3 line system**
DMD - 500 - 25 - ZR - 210 - AS - E4
Dump Pump
D Direct Mount
500 5.0 cu. in. / 2.5” gear
25 2.5” gear
AS Air Shift
210 Relief valve set at 2100 PSI
R Right hand rotation
Z 3 Line Sleeve
E4 Extended studs
If relief valve needs to be removed to install pump to PTO due to clearance rea-
sons, follow directions below.
1. back off the lock nut
2. torque the cartridge to 30 ft lbs
3. re-tighten the lock nut while holding the relief cartridge to prevent it
from turning
**Over tightening could cause damage to the seat**
Fittings to make install easy:
*Common fitting to convert 3/4 ports to 1” use Airway part number 1404-12-16
(need 2)
** Use 1 1/4” hose Barb with T-Bolt Clamps on Suction-line



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com