Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6690-N Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6690-N Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6690-N
Download  DIO6690-N Download
File Size   2320.71 Kbytes
Page   18 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2A, Synchronous, Step-Down Converter with PFM

DIO6690-N Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6690-N Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6690-N
Download  DIO6690-N Click to download

File Size   2320.71 Kbytes
Page   18 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2A, Synchronous, Step-Down Converter with PFM

DIO6690-N Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6690-N Product details

Features
 1.8MHz Switching Frequency
 EN for Power Sequencing
 Wide 3V to 5.5V Operating Input Range
 Output Adjustable from 0.6V
 Up to 2A Output Current
 120mΩ and 80mΩ Internal Power MOSFET
Switches
 PFM Operation
 DIO6690:With Output Discharge
DIO6690N:Without Output Discharge
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Stable with Low ESR Output Ceramic
Capacitors
 100% Duty Cycle
 Available in DFN2*1.5-8 Package
Applications
 Wireless/Networking Cards
 Portable and Mobile Devices
 Battery-Powered Devices
 Low-Voltage I/O System Power
 Solid-State Drives (SSDs)
Descriptions
The DIO6690/N is a monolithic, step-down,
switch-mode converter with built-in, internal
power MOSFETs. It achieves 2A of output current
from a 3V to 5.5V input voltage with excellent
load and line regulation. The output voltage can
be regulated as low as 0.6V. DIO6690/N adopts
sleep-mode to achieve high efficiency under
extremely light load condition.
The constant-on-time control scheme provides a
fast transient response and eases loop
stabilization. Full protection features include
cycle-by-cycle current limiting and thermal
shutdown.
The DIO6690/N is available in DFN2*1.5-8
package and requires a minimal number of
readily available, standard, external
components.
The DIO6690/N is ideal for a wide range of
applications, including high-performance DSPs,
wireless power, portable and mobile devices, and
other low-power systems.




Similar Part No. - DIO6690-N

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6001 DIOO-DIO6001 Datasheet
540Kb / 9P
High-Efficiency 1.5MHz, 1A Output Synchronous Step Down Converter
Rev 1.4
DIO60010-A DIOO-DIO60010-A Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010ASH3 DIOO-DIO60010ASH3 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010AST5 DIOO-DIO60010AST5 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
DIO60010AST6 DIOO-DIO60010AST6 Datasheet
1Mb / 21P
5.5 V, 1 A, 1.65 MHz High-Efficiency, 25 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.4, Oct 2025
More results


Similar Description - DIO6690-N

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
2A 18V Synchronous PFM/PWM Step-Down Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
2A, 20V Synchronous Step-Down Converter
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com