Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6912 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6912 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6912
Download  DIO6912 Download
File Size   1224.31 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 2 A Continuous, 2.5 A Peak, 24 V Input Synchronous Step-Down Converter

DIO6912 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6912 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6912
Download  DIO6912 Click to download

File Size   1224.31 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 2 A Continuous, 2.5 A Peak, 24 V Input Synchronous Step-Down Converter

DIO6912 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6912 Product details

Features
 Low RDS(ON) for internal switches (top/bottom)
130 mΩ/90 mΩ, 2.0 A DC current
 4.5 ~ 24 V input voltage range
 High-efficiency synchronous-mode
 Internal soft start limits the inrush current
 Overcurrent protection
 Thermal shutdown
 Green package:
SOT23-6 is pin compatible.
Applications
 Portable navigation device
 Set top box
 Portable TV
 LCD TV
Descriptions
The DIO6912 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 2 A continuous output
currents. The DIO6912 operates over a wide input
voltage range from 4.5 V to 24 V and integrate
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
The DIO6912 adopts the COT architecture to
achieve fast transient responses for high step
down applications and high efficiency at light
loads. In addition, it operates at pseudo-constant
frequency of 500 kHz under heavy load conditions
to minimize the size of inductor and capacitor.




Similar Part No. - DIO6912

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6913 DIOO-DIO6913 Datasheet
1Mb / 11P
High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
Rev 1.6
DIO6913TST6 DIOO-DIO6913TST6 Datasheet
1Mb / 11P
High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
Rev 1.6
More results


Similar Description - DIO6912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
Texas Instruments
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com