Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6913 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6913 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6913
Download  DIO6913 Download
File Size   1119.0 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter

DIO6913 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6913 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6913
Download  DIO6913 Click to download

File Size   1119.0 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter

DIO6913 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6913 Product details

Features
 Low RDS(ON) for internal switches (top/bottom)
80 mΩ/40 mΩ, 3.0 A
 4.5 ~ 24 V input voltage range
 High-efficiency synchronous mode
 Internal soft-start limits the inrush current
 Overcurrent protection
 Thermal shutdown
 Available in the TSOT23-6 package
Applications
 Portable navigation device
 Set top box
 Portable TV
 LCD TV
Descriptions
The DIO6913 is a high-efficiency, high-frequency
synchronous step-down DC-DC regulator IC
capable of delivering up to 3 A output currents.
The DIO6913 family operates over a wide input
voltage range from 4.5 V to 24 V and integrates
with the main switch and synchronous switch
with very low RDS(ON) to minimize the conduction
loss.
The COT architecture with pseudo-fixed switching
frequency operation provides fast transient
response and eases loop stabilization. Protection
features include overcurrent protection and
thermal shutdown.
The DIO6913 requires a minimal number of
readily-available, standard, external components
and is available in a space-saving TSOT23-6
package.




Similar Part No. - DIO6913

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6912 DIOO-DIO6912 Datasheet
1Mb / 12P
High-Efficiency 2 A Continuous, 2.5 A Peak, 24 V Input Synchronous Step-Down Converter
Rev 1.6
DIO6912ST6 DIOO-DIO6912ST6 Datasheet
1Mb / 12P
High-Efficiency 2 A Continuous, 2.5 A Peak, 24 V Input Synchronous Step-Down Converter
Rev 1.6
More results


Similar Description - DIO6913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS50301-HT TI1-TPS50301-HT_16 Datasheet
1Mb / 41P
Input, 3-A/6-A Synchronous Step-Down SWIFT Converter
logo
Monolithic Power System...
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com