Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6913 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6913
Description  High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6913 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6913 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIO6913
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO6913• V1.6
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Rating
Unit
VIN
Input voltage ( V+ – V-)
28
V
VEN, LX
EN, LX voltage
VIN + 0.3
V
VFB
FB voltage
6
V
VBS
BS voltage
-0.3 to LX + 6
V
PD
Power dissipation, at TA = 25°C
1
W
ӨJA
Junction-to-ambient thermal resistance
100
°C/W
ӨJC
Junction-to-case thermal resistance
11.2
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
TL
Maximum lead temperature
260
°C
ESD
HBM ESD, JESD22-A114
All pins
±2
kV
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding them
or designing to absolute maximum ratings.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
4.5 to 24
V
TJ
Junction temperature range
-40 to 125
°C
TA
Ambient temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com