Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6913 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6913
Description  High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6913 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6913 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DIO6913
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO6913• V1.6
Electrical Characteristics
VIN = 12 V, VOUT = 1.2 V, L = 2.2 μH, COUT = 47 μF, TA = 25°C, IOUT = 1 A, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN(1)
Input voltage range
4.5
24
V
IQ
Quiescent current
IOUT = 0, VFB = VREF × 105%
140
µA
ISHDN
Shutdown current
EN = 0
5
10
µA
VREF
Feedback reference voltage
0.591
0.6
0.609
V
IFB(1)
FB input current
VFB = 3.3 V
-50
50
nA
RDS(ON)1(1)
Top FET RON
80
mΩ
RDS(ON)2(1)
Bottom FET RON
40
mΩ
ILIM(1)
Low side power FET current limit
3.0
4.0
A
VENH
EN rising threshold
TA = -40 to 85°C
1.5
V
VENL
EN falling threshold
TA = -40 to 85°C
0.4
V
VUVLO
VIN undervoltage unlock
threshold, rising
4.45
V
fSW
Switching frequency
500
kHz
Min on time
40
ns
Min off time
180
ns
tSS(1)
Soft-start time
1
ms
TSD(1)
Thermal shutdown temperature
148
°C
THYS(1)
Thermal shutdown hysteresis
20
°C
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com