Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6913 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6913
Description  High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6913 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6913 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DIO6913
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO6913• V1.6
Output inductor L
There are several considerations in choosing this inductor.
1) Choose the inductance to provide the desired ripple current. It is suggested to choose the ripple current to
be about 40% of the maximum output current. The inductance is calculated as:
L =
40%
I
f
)
/V
V
(1
V
MAX
OUT,
SW
MAX
IN,
OUT
OUT
(3)
where fsw is the switching frequency and IOUT,MAX is the maximum load current. The DIO6913 regulator IC is
quite tolerant of different ripple current amplitude. Consequently, the final choice of inductance can be
slightly off the calculation value without significantly impacting the performance.
2) The saturation current rating of the inductor must be selected to be greater than the peak inductor current
under full load conditions.
ISAT,MIN>IOUT,MAX +
L
f
2
)
/V
V
(1
V
SW
MAX
IN,
OUT
OUT
(4)
3) The DCR of the inductor and the core loss at the switching frequency must be low enough to achieve the
desired efficiency requirement. It is desirable to choose an inductor with DCR < 50 mΩ to achieve a good
overall efficiency.
DIO6913 recommended table:
VOUT (V)
R2 (kΩ)
C2 (pF)
L1/ Partnumber
1
150
Null
2.2 μH/ SWPA6045S2R2NT (VLP6045-2R2M)
1.2
100
Null
2.2 μH/ SWPA6045S2R2NT (VLP6045-2R2M)
1.8
49.9
Null
3.3 μH/ SWPA8040S3R3NT (VLP6045-3R3M)
2.5
31.6
Null
3.3 μH/ SWPA8040S3R3NT (VLP6045-3R3M)
3.3
22.1
22 (option)
4.7 μH/ SWPA8040S4R7NT (CDRH8D43-4R7)
5
13.7
22 (option)
6.8 μH/ SWPA8040S6R8MT (CDRH8D43-6R8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com