Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO6913 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6913
Description  High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6913 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6913 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6913 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DIO6913
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO6913• V1.6
Application Information
The DIO6913 is a synchronous buck regulator IC that integrates the COT control, and top and bottom switches
on the same die to minimize the switching transition loss and conduction loss. With ultra-low RDS(ON) power
switches and proprietary COT control, this regulator IC can achieve the highest efficiency and the highest
switch frequency simultaneously to minimize the external inductor and capacitor size, and thus achieving the
minimum solution footprint.
Because of the high integration in the DIO6913 IC, the application circuit based on this regulator IC is rather
simple. Only input capacitor CIN, output capacitor COUT, output inductor L, and feedback resistors (R1 and R2)
need to be selected for the targeted applications specifications.
Feedback resistor dividers R1 and R2
Choose R1 and R2 to program the proper output voltage. To minimize the power consumption under light
loads, it is desirable to choose large resistance values for both R1 and R2. A value of between 10 kΩ and
1 MΩ is highly recommended for both resistors. If VOUT is 3.3 V, and R1 = 100 kΩ is chosen, then R2 can be
calculated to be 22.1 kΩ.
R2 =
1
OUT
R
×
0.6V
-
V
0.6V
(1)
Input capacitor CIN
This ripple current through input capacitor is calculated as:
ICIN_RMS = IOUT
D)
D(1
(2)
This formula has a maximum at VIN = 2VOUT condition, where ICIN_RMS = IOUT/2. This simple worst-case condition
is commonly used for DC/DC design.
To minimize the potential noise problem, place a typical X5R or a better grade ceramic capacitor really close to
the IN and GND pins. Care should be taken to minimize the loop area formed by CIN, and IN/GND pins. In this
case, a 10 μF, low ESR ceramic capacitor is recommended.
Output capacitor COUT
The output capacitor is selected to handle the output ripple noise requirements. Both steady state ripple and
transient requirements must be taken into consideration when selecting this capacitor. For the best
performance, it is recommended to use X5R or a better grade ceramic capacitor greater than 22 µF
capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com