Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS138 Datasheet (PDF) - Bridgelux, Inc.

DS138 Datasheet PDF - Bridgelux, Inc.
Part # DS138
Download  DS138 Download
File Size   829.97 Kbytes
Page   15 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Tunable Linear Gen 3 2 SMD Rows

DS138 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS138 Datasheet PDF - Bridgelux, Inc.

Part # DS138
Download  DS138 Click to download

File Size   829.97 Kbytes
Page   15 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Tunable Linear Gen 3 2 SMD Rows

DS138 Datasheet (HTML) - Bridgelux, Inc.


DS138 Product details

Lengths: 280mm, 560mm, 1120mm
CRIs: 80, 90
CCT Ranges: 2700-5000K, 2700-6500K




Similar Part No. - DS138

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS138 LUMILEDS-DS138 Datasheet
2Mb / 20P
Retail lighting that makes an impact
logo
Bridgelux, Inc.
DS1380 BRIDGELUX-DS1380 Datasheet
1Mb / 21P
V10 F90 Thrive Array Series
11/2025
DS1380-1 BRIDGELUX-DS1380-1 Datasheet
1Mb / 21P
V10 F90 Thrive Array Series
11/2025
DS1381 BRIDGELUX-DS1381 Datasheet
1Mb / 21P
V13C F90 Thrive Array Series
05/02026
DS1381-1 BRIDGELUX-DS1381-1 Datasheet
1Mb / 21P
Thrive Array
05/2026
More results


Similar Description - DS138

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SL28PCIE14 SILABS-SL28PCIE14 Datasheet
395Kb / 13P
PCI-Express Gen 2 & Gen 3 Compliant
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com