Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG2414D Datasheet (PDF) - Infinite Electronics International, Inc.

HG2414D Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2414D
Download  HG2414D Download
File Size   198.61 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 14 dBi Backfire Antenna

HG2414D Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2414D Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2414D
Download  HG2414D Click to download

File Size   198.61 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 14 dBi Backfire Antenna

HG2414D Datasheet (HTML) - Infinite Electronics International, Inc.


HG2414D Product details

Applications
 2.4 GHz ISM band
 IEEE 802.11b/g/n Wireless LAN, WiFi systems
 CPE applications
 Point to Multi-point systems
 Wireless bridges and backhaul applications

Features
 Compact size and low profile
 All weather operation
 Tilt and swivel mast or wall mounting
 Integral N-Female connector




Similar Part No. - HG2414D

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2414DP-090 L-COM-HG2414DP-090 Datasheet
237Kb / 2P
HyperLink Wireless Brand 2.4 GHz 14 dBi 90 Degree Dual Polarized/Dual Feed Sector Panel Antenna - Model: HG2414DP-090
HG2414DP-3NF L-COM-HG2414DP-3NF Datasheet
214Kb / 2P
HyperLink Wireless 2.4GHz 14 dBi Dual Polarized Panel Antenna
More results


Similar Description - HG2414D

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1027 PULSE-W1027 Datasheet
213Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
W1038M PULSE-W1038M Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
Wireless External Antenna for 2.4 GHz Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com