Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20891-2 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO20891-2 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO20891-2
Download  DIO20891-2 Download
File Size   943.25 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Ultra Low Power Comparator

DIO20891-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO20891-2 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO20891-2
Download  DIO20891-2 Click to download

File Size   943.25 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Ultra Low Power Comparator

DIO20891-2 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO20891-2 Product details

Features
 Ultra low power consumption:
0.3 μA (Typ) at V+ = 1.4 V
 Wide supply voltage range: 1.4 V to 5.5 V
 Propagation delay: 8 μs (Typ) at V+ = 1.4 V
 Push-pull output current drive:
23 mA (Typ) at V+ = 5 V
 Rail-to-rail input
 -40°C to 85°C operating temperature range
 Available in the Green SC70-5, DFN1*1-6,
DFN0.8*0.8-4 and DFN1.6*1.2-8 packages
Applications
 RC timers
 Window detectors
 IR receiver
 Multi-vibrators
 Alarm and monitoring circuits
Descriptions
The DIO20891/2 is an ultra low-power comparator
with a typical power supply current of 0.3 μA. It
has the best-in-class power supply current versus
propagation delay performance. The propagation
delay is as low as 8 μs with 100 mV overdrive at 1.4
V supply.
Designed to operate over a wide range of supply
voltages, from 1.4 V to 5.5 V, with guaranteed
operation at 1.4 V, 1.8 V, 2.5 V and 5.0 V, the
DIO20891/2 is ideal for use in a variety of
battery-powered applications. With rail-to-rail
common mode voltage range, the DIO20891/2 is
well suited for single-supply or dual-supply
operation.
Featuring a push-pull output stage, the DIO20891/2
allows for operation with absolute minimum power
consumption when driving any capacitive or
resistive load.
The DIO20891/2 is available in the Green SC70-5,
DFN1*1-6, DFN0.8*0.8-4 and DFN1.6*1.2-8
packages. The DIO20891/2 is ideal for use in
handheld electronics and mobile phone
applications. It is rated over the -40°C to 85°C
temperature range.




Similar Part No. - DIO20891-2

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20871ASC5 DIOO-DIO20871ASC5 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
DIO20871AST5 DIOO-DIO20871AST5 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
DIO20871B DIOO-DIO20871B Datasheet
1Mb / 11P
Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator
Rev 1.2
DIO20871BCN4 DIOO-DIO20871BCN4 Datasheet
1Mb / 11P
Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator
Rev 1.2
DIO20871BST5 DIOO-DIO20871BST5 Datasheet
1Mb / 11P
Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator
Rev 1.2
More results


Similar Description - DIO20891-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
Ultra-Low Power Quad Comparator
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951 Datasheet
114Kb / 12P
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Rev 1; 7/97
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
Low Power Quad Comparator
SN393 KODENSHI-SN393 Datasheet
474Kb / 8P
Low Power Dual Comparator
logo
Texas Instruments
LP339 TI1-LP339 Datasheet
274Kb / 14P
Ultra-Low Power Quad Comparator
LP339 TI1-LP339_14 Datasheet
274Kb / 15P
Ultra-Low Power Quad Comparator
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN391 KODENSHI-SN391 Datasheet
284Kb / 7P
Low Power Single Comparator
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com