Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20871B Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO20871B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO20871B
Download  DIO20871B Download
File Size   1231.8 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator

DIO20871B Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO20871B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO20871B
Download  DIO20871B Click to download

File Size   1231.8 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator

DIO20871B Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO20871B Product details

Features
 Ultra low power consumption:
1.35 μA (typ) at V+ = 1.4 V
 Wide supply voltage range: 1.4 V to 5.5 V
 Propagation delay: 1.3 μs (typ) at V+ = 1.4 V
 Open drain output sink current drive:
25 mA (typ) at V+ = 5 V
 Rail-to-rail input
 -40°C to 85°C operating temperature range
 Available in Green SOT23-5 and DFN0.8*0.8-4
packages
Applications
 RC timers
 Window detectors
 IR receiver
 Multivibrators
 Alarm and monitoring circuits
Descriptions
The DIO20871B is an ultra low-power comparator
with a typical power supply current of 1.35 μA. It
has the best-in-class power supply current versus
propagation delay performance. The propagation
delay is as low as 1.3 μs with 100 mV overdrive at
1.4 V supply.
Designed to operate over a wide range of supply
voltages, from 1.4 V to 5.5 V, with guaranteed
operation at 1.4 V, 2.5 V and 5.0 V, the DIO20871B
is ideal for use in a variety of battery-powered
applications. With rail-to-rail common mode
voltage range, the DIO20871B is well suited for
single-supply operation.
Featuring an open drain output stage, the
DIO20871B allows for operation with absolute
minimum power consumption when driving any
capacitive or resistive load.
The DIO20871B is available in the Green SOT23-5
and DFN0.8*0.8-4 packages. The DIO20871B is
ideal for use in handheld electronics and mobile
phone applications. It is rated over the -40°C to
85°C temperature range.




Similar Part No. - DIO20871B

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20871ASC5 DIOO-DIO20871ASC5 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
DIO20871AST5 DIOO-DIO20871AST5 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
DIO20871SC5 DIOO-DIO20871SC5 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
DIO20871ST5 DIOO-DIO20871ST5 Datasheet
1Mb / 14P
Push-Pull Output Comparator
Rev 1.1
More results


Similar Description - DIO20871B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
Single CMOS Comparator (Push Pull/Open Drain Output)
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Renesas Technology Corp
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01_06 Datasheet
444Kb / 23P
Single CMOS Comparator (Push Pull/Open Drain Output)
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
1.8V Low Power Open-Drain Output Comparator
2009
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
Open Drain Output Comparator
logo
Renesas Technology Corp
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com