Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20871B Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20871B
Description  Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20871B Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20871B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DIO20871B
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO20871B• Rev. 1.2
Electrical Characteristics: V+ = 5.0 V
At TA= 25°C, V+= 5.0 V, V- = 0 V, VCM = V+/2 and VO = V-, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IS
Supply current
-40°C ≤ TA ≤ 85°C, VCM = 0.3 V
1.75
μA
-40°C ≤ TA ≤ 85°C, VCM = 4.7 V
1.95
IB
Input bias current
±20
pA
IOS
Input offset current
±40
pA
VOS
Input offset voltage
-5
5
mV
VOH
Output swing High
RPULL = 5 kΩ
5.0
V
RPULL = 10 kΩ
5.0
VOL
Output swing Low
RPULL = 5 kΩ
60
mV
RPULL = 10 kΩ
30
IOUT
Output current
Sink
24.3
mA
Propagation delay
(High to Low)
Overdrive = 10 mV
3.0
µs
Overdrive = 100 mV
0.9
Propagation delay
(Low to High)
Overdrive = 10 mV
2.7
µs
Overdrive = 100 mV
1.1
tRise
Rise time(1)
Overdrive = 10 mV, CL = 1 pF,
RPULL = 10 kΩ
1
µs
Overdrive= 100 mV, CL = 1 pF,
RPULL = 10 kΩ
1
tFall
Fall time
Overdrive = 10 mV, CL = 1 pF,
RPULL = 10 kΩ
43
ns
Overdrive= 50 mV, CL = 1 pF,
RPULL = 10 kΩ
25
Note:
(1) Rise time depends on RPULL and CL.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com