Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20871B Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20871B
Description  Micro-Power CMOS Input RRIO 1.4 V Open Drain Output Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20871B Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20871B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20871B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIO20871B
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO20871B• Rev. 1.2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Symbol
Parameter
Rating
Unit
Supply voltage, (V+) – V-
7.5
V
Input voltage
(V-)-0.5 V to (V+)+0.5 V
V
Differential input voltage
±2.5 V
V
TA
Operating temperature range
-40 to 85
°C
TSTG
Storage temperature range
-55 to 150
°C
TJ
Maximum junction temperature
160
°C
TL
Maximum lead temperature range
260
°C
ESD
HBM, JEDEC: JESD22-A114
±4000
V
CDM, JEDEC: JESD22-C101
±400
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal
performance to the datasheet specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum
Ratings.
Symbol
Parameter
Rating
Unit
Supply voltage
1.4 to 5.5
V
TA
Operating temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com