Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8833FD16 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO8833FD16 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO8833FD16
Download  DIO8833FD16 Download
File Size   3157.54 Kbytes
Page   39 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1.5 A Thermoelectric Cooler (TEC) Controller

DIO8833FD16 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO8833FD16 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO8833FD16
Download  DIO8833FD16 Click to download

File Size   3157.54 Kbytes
Page   39 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1.5 A Thermoelectric Cooler (TEC) Controller

DIO8833FD16 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO8833FD16 Product details

 Features
 Wide 2.7 V to 5.5 V operating input range
 Up to 1.5 A TEC current
 2.5 V reference output with 0.6% accuracy
 High-accuracy TEC current monitor:
5% at ITEC > 250 mA
 Support 2 available I2C address without OTP
fuse
 Low internal MOSFETs for PWM switches and
linear switches
 Programmable switching frequency (Default 1
MHz)
 Hiccup mode protection
 Die overtemperature warning & protection
 Applications
 Optical laser diode modules
 Optical fiber amplifiers
 Systems requiring TEC temperature control
 Description
The DIO8833 is an integrated thermoelectric cooler
controller (TEC) with built-in internal power
MOSFETs. It can reach 1.5 A of continuous output
current from a 2.7 V to 5.5 V input voltage range.
The TEC voltage is linearly controlled by the analog
input voltage.
The DIO8833 has an address pin to support two I2C
addresses for flexible usage. Address pin also can
be connected with a capacitor or floated when only
one TEC controller is needed. TEC current can be
easily adjusted by 5% ITEC accuracy to achieve
stable temperature control.
Features such as TEC voltage and current limiting
are controlled by I2C serial interface. Full protection
features include internal SS, OCP, OVP, and
overtemperature protection (OTP).
The DIO8833 provides package with Green
QFN2*3-16.




Similar Part No. - DIO8833FD16

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO8834-5 DIOO-DIO8834-5 Datasheet
5Mb / 44P
1.5/3 A Thermoelectric Cooler (TEC) Controller
Version 1.0, May 2026
DIO8834CN24 DIOO-DIO8834CN24 Datasheet
5Mb / 44P
1.5/3 A Thermoelectric Cooler (TEC) Controller
Version 1.0, May 2026
DIO8834WL25 DIOO-DIO8834WL25 Datasheet
5Mb / 44P
1.5/3 A Thermoelectric Cooler (TEC) Controller
Version 1.0, May 2026
DIO8835CN24 DIOO-DIO8835CN24 Datasheet
5Mb / 44P
1.5/3 A Thermoelectric Cooler (TEC) Controller
Version 1.0, May 2026
DIO8835QN36 DIOO-DIO8835QN36 Datasheet
5Mb / 44P
1.5/3 A Thermoelectric Cooler (TEC) Controller
Version 1.0, May 2026
More results


Similar Description - DIO8833FD16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
Thermoelectric Cooler Controller
11/03-Data Sheet Changed from REV. B to REV. C.
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
Thermoelectric Cooler (TEC) Controller
7/03-Data Sheet Changed from REV PrB to REV PrC.
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8834 AD-ADN8834 Datasheet
1Mb / 27P
Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
REV. A
ADN8835 AD-ADN8835 Datasheet
647Kb / 27P
Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
9/2018-Rev. A to Rev. B
ADN8834 AD-ADN8834_V01 Datasheet
899Kb / 27P
Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com