Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT6030 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT6030 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT6030
Download  FMMT6030 Download
File Size   306.5 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Schottky Diode Zero Bias Detector, 500 MHz to 18 GHz, 20 dBm Max Pin, Positive Video Out, MIL-STD-202, Radial

FMMT6030 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT6030 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT6030
Download  FMMT6030 Click to download

File Size   306.5 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Schottky Diode Zero Bias Detector, 500 MHz to 18 GHz, 20 dBm Max Pin, Positive Video Out, MIL-STD-202, Radial

FMMT6030 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT6030 Product details

Features
• Zero bias Schottky diode detector
• Broadband frequency range: 0.5 GHz to 18.0 GHz
• Positive video output polarity
• Sensitivity: 500 ± 50 mV/mW typical
• Frequency flatness: ±3.5 dB max
• Low VSWR: 2.0:1
• Maximum input power: +20 dBm
• 2.92mm male RF input and 2.92mm female video output
• connectors
• Operating temperature range: -54 °C to +100 °C
• Environmentally tested to MIL-STD-202 (humidity, shock,
• vibration, altitude, temperature cycle)
• Applications
• RF power and level monitoring
• Broadband test and measurement equipment/Transmitter
• monitoring and leveling
• Radar and surveillance systems
• Electronic warfare (EW) and ECM receivers
• detector front-ends for receiver chains
• General-purpose RF measurement applications
• Military and aerospace systems
• Description
• This coaxial packaged Zero Bias Schottky Diode Detector operates over a broadband frequency range of 0.5 GHz to 18.0 GHz
• and is designed for accurate RF signal detection in CW and broadband measurement applications. The zero-bias Schottky design
• provides reliable detection without the need for external biasing, making it ideal for compact and simplified system designs.
• The detector delivers a stable positive polarity video output with a typical sensitivity of 500 ± 50 mV/mW, dependent on input power and frequency.
• With good frequency flatness and low VSWR, this detector supports consistent performance across a wide frequency band. The rugged
• 2.92mm-connectorized package is environmentally qualified to MIL-STD-202, ensuring dependable operation in harsh military, aerospace, and
• laboratory environments. Maximum input power handling is +20 dBm.




Similar Part No. - FMMT6030

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT6033 FAIRVIEW-FMMT6033 Datasheet
329Kb / 3P
SMA Schottky Diode Zero Bias Detector, 500 MHz to 18 GHz, 20 dBm Max Pin, Negative Video Out, MIL-STD-202, Square
REV A
More results


Similar Description - FMMT6030

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E931Z2-1261A MACOM-MA4E931Z2-1261A Datasheet
32Kb / 2P
Schottky Zero Bias Detector Diode
logo
M/A-COM Technology Solu...
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A Datasheet
69Kb / 1P
Schottky Zero Bias Detector Diode
logo
Pasternack Enterprises,...
PE7169 PASTERNACK-PE7169 Datasheet
268Kb / 3P
50 Ohm 2.92mm SPST PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7170 PASTERNACK-PE7170 Datasheet
271Kb / 3P
50 Ohm 2.92mm SP2T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7171 PASTERNACK-PE7171 Datasheet
275Kb / 3P
50 Ohm 2.92mm SP3T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7173 PASTERNACK-PE7173 Datasheet
297Kb / 3P
50 Ohm 2.92mm SP8T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE80T1002 PASTERNACK-PE80T1002 Datasheet
395Kb / 6P
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
logo
M/A-COM Technology Solu...
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A_15 Datasheet
423Kb / 2P
Schottky Zero Bias Detector Diode
MADS-011030-14280W MA-COM-MADS-011030-14280W Datasheet
537Kb / 3P
Schottky Zero Bias Detector Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com