Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT6033 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT6033 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT6033
Download  FMMT6033 Download
File Size   329.6 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Schottky Diode Zero Bias Detector, 500 MHz to 18 GHz, 20 dBm Max Pin, Negative Video Out, MIL-STD-202, Square

FMMT6033 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT6033 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT6033
Download  FMMT6033 Click to download

File Size   329.6 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Schottky Diode Zero Bias Detector, 500 MHz to 18 GHz, 20 dBm Max Pin, Negative Video Out, MIL-STD-202, Square

FMMT6033 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT6033 Product details

Features
• Zero bias Schottky diode detector
• Broadband frequency range: 0.5 GHz to 18.0 GHz
• Negative video output polarity
• Sensitivity: 500 ± 50 mV/mW typical
• Frequency flatness: ±3.5 dB max
• Low VSWR: 2.0:1
• Maximum input power: +20 dBm
• SMA male RF input and SMA female video output connectors
• Operating temperature range: -54 °C to +100 °C
• Environmentally tested to MIL-STD-202 (humidity, shock,
• vibration, altitude, temperature cycle)
• Applications
• RF power and level monitoring
• Broadband test and measurement equipment/Transmitter
• monitoring and leveling
• Radar and surveillance systems
• Electronic warfare (EW) and ECM receivers
• detector front-ends for receiver chains
• General-purpose RF measurement applications
• Military and aerospace systems
• Description
• This coaxial packaged Zero Bias Schottky Diode Detector operates over a broadband frequency range of 0.5 GHz to 18.0 GHz
• and is designed for accurate RF signal detection in CW and broadband measurement applications. The zero-bias Schottky design
• provides reliable detection without the need for external biasing, making it ideal for compact and simplified system designs.
• The detector delivers a stable negative polarity video output with a typical sensitivity of 500 ± 50 mV/mW, dependent on input power and frequency.
• With good frequency flatness and low VSWR, this detector supports consistent performance across a wide frequency band. The rugged
• SMA-connectorized package is environmentally qualified to MIL-STD-202, ensuring dependable operation in harsh military, aerospace, and
• laboratory environments. Maximum input power handling is +20 dBm.




Similar Part No. - FMMT6033

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT6030 FAIRVIEW-FMMT6030 Datasheet
306Kb / 3P
2.92mm Schottky Diode Zero Bias Detector, 500 MHz to 18 GHz, 20 dBm Max Pin, Positive Video Out, MIL-STD-202, Radial
REV A
More results


Similar Description - FMMT6033

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A Datasheet
69Kb / 1P
Schottky Zero Bias Detector Diode
logo
Pasternack Enterprises,...
PE7164 PASTERNACK-PE7164 Datasheet
276Kb / 3P
50 Ohm SMA SPST PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7165 PASTERNACK-PE7165 Datasheet
270Kb / 3P
50 Ohm SMA SP2T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7168 PASTERNACK-PE7168 Datasheet
292Kb / 3P
50 Ohm SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com