Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1019-EVA Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1019-EVA Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1019-EVA
Download  AOZ1019-EVA Download
File Size   200.9 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??2A Simple Buck Regulator Evaluation Board Note

AOZ1019-EVA Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1019-EVA Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1019-EVA
Download  AOZ1019-EVA Click to download

File Size   200.9 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??2A Simple Buck Regulator Evaluation Board Note

AOZ1019-EVA Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1019-EVA Product details

General Description
The AOZ1019 evaluation board is a fully assembled and tested circuit board built with the AOZ1019 buck regulator IC. It outputs a preset or adjustable voltage and up to 2A of continuous current. The evaluation board requires an input voltage from 4.5V to 16V. The output voltage is preset and can be adjusted from 0.8V to VIN–0.4V
The AOZ1019-EVA circuit features include; current limit, short circuit protection, input under voltage lock out, internal soft start and thermal shut down. It operates at a fixed 500kHz switching frequency. The current mode control and integrated internal MOSFET minimize component count, board area and total cost.
The AOZ1019 comes in an SO-8 package and is rated over a -40°C to +85°C ambient temperature range.

Features
● 4.5V to 16V operating input voltage range
● Output voltage was preset to 3.3V, adjustable down to 0.8V
● 2A continuous output current
● Fixed 500kHz PWM operation
● Internal soft start
● Cycle-by-cycle current limit
● Short-circuit protection
● Thermal shutdown

Applications
● Point of load DC/DC conversion
● PCIe graphics cards
● Set top boxes
● DVD drives and HDD
● LCD panels
● Cable modems
● Telecom/networking/datacom equipment




Similar Part No. - AOZ1019-EVA

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1019 AOSMD-AOZ1019 Datasheet
634Kb / 14P
EZBuck??2A Simple Regulator
AOZ1019AI AOSMD-AOZ1019AI Datasheet
634Kb / 14P
EZBuck??2A Simple Regulator
More results


Similar Description - AOZ1019-EVA

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1020-EVA AOSMD-AOZ1020-EVA Datasheet
206Kb / 4P
EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1015-EVA AOSMD-AOZ1015-EVA Datasheet
203Kb / 4P
EZBuck??1.5A Simple Buck Regulator Evaluation Board Note
AOZ1017-EVA AOSMD-AOZ1017-EVA Datasheet
215Kb / 4P
EZBuck??3A Simple Buck Regulator Evaluation Board Note
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1210-EVA AOSMD-AOZ1210-EVA Datasheet
401Kb / 5P
EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1020AI-EVB AOSMD-AOZ1020AI-EVB Datasheet
206Kb / 4P
EZBuck??2A Synchronous Buck Regulator Evaluation Board Note
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com