Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7213 Datasheet (PDF) - Infinite Electronics International, Inc.

SH7213 Datasheet PDF - Infinite Electronics International, Inc.
Part # SH7213
Download  SH7213 Download
File Size   452.29 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA 90 Degree Hybrid Coupler From 1 GHz to 2 GHz Rated To 50 Watts

SH7213 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH7213 Datasheet PDF - Infinite Electronics International, Inc.

Part # SH7213
Download  SH7213 Click to download

File Size   452.29 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA 90 Degree Hybrid Coupler From 1 GHz to 2 GHz Rated To 50 Watts

SH7213 Datasheet (HTML) - Infinite Electronics International, Inc.


SH7213 Product details

Features
• 90° Hybrid Coupler
• 1 to 2 GHz Frequency Range
• Isolation > 22 dB
• VSWR < 1.3:1
• Max Power 50 Watt (CW)
• Applications:
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• SH7213
• DATA SHEET




Similar Part No. - SH7213

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7211 RENESAS-SH7211 Datasheet
6Mb / 1228P
32-Bit RISC Microcomputer SuperHTM RISC engine Family
logo
Infinite Electronics In...
SH7211 FAIRVIEW-SH7211 Datasheet
484Kb / 3P
The SH7211 is a 90 degree hybrid coupler that operates from 500 to 1,000 MHz and can handle up to 50 Watts (CW) with 22 dB isolation minimum and 1.2:1 VSWR maximum. The package interface uses SMA female connectors, and is RoHS compliant.
REV 2.2
logo
Renesas Technology Corp
SH7211 RENESAS-SH7211_09 Datasheet
624Kb / 26P
MTU2 Three-Phase Complementary PWM Output Function
SH7214 RENESAS-SH7214 Datasheet
174Kb / 1P
MPU/MCU
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
USB Mass Storage Class
More results


Similar Description - SH7213

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2058 PASTERNACK-PE2058 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 8 GHz Rated To 30 Watts
PE2051 PASTERNACK-PE2051 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 1 GHz to 2 GHz Rated To 50 Watts
PE2052 PASTERNACK-PE2052 Datasheet
292Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts
PE2054 PASTERNACK-PE2054 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 8 GHz Rated To 50 Watts
PE2CP1022 PASTERNACK-PE2CP1022 Datasheet
571Kb / 6P
90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts
PE2CP1049 PASTERNACK-PE2CP1049 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 2 GHz Rated to 200 Watts
PE2CP1051 PASTERNACK-PE2CP1051 Datasheet
527Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 2 GHz Rated to 1000 Watts
PE2CP1052 PASTERNACK-PE2CP1052 Datasheet
533Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 150 Watts
PE2CP1053 PASTERNACK-PE2CP1053 Datasheet
523Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 450 Watts
PE2CP1054 PASTERNACK-PE2CP1054 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 4.2 GHz Rated to 80 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com