Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G517AL2RB1D Datasheet (PDF) - Global Mixed-mode Technology Inc

G517AL2RB1D Datasheet PDF - Global Mixed-mode Technology Inc
Part # G517AL2RB1D
Download  G517AL2RB1D Download
File Size   4660.67 Kbytes
Page   42 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Power Distribution Switch

G517AL2RB1D Datasheet (PDF)

Go To PDF Page Download Datasheet
G517AL2RB1D Datasheet PDF - Global Mixed-mode Technology Inc

Part # G517AL2RB1D
Download  G517AL2RB1D Click to download

File Size   4660.67 Kbytes
Page   42 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Power Distribution Switch

G517AL2RB1D Datasheet (HTML) - Global Mixed-mode Technology Inc


G517AL2RB1D Product details

Features
40mΩ/70mΩ High-Side MOSFET
Available with Current Limits with Foldback
Operating Range:2.7V to 5.5V
1mS Typical Rise Time
Fast Overcurrent Response -1.5μs (TYPICAL)
Under voltage Lockout
Logic Level Enable Pin, Available with
Active-High or Active-Low Version
No Reverse Current when Power Off
Deglitched Open-Drain Over-Current Flag
Output (FLAG)
Output Reverse-Voltage/Current Protection
SOT-23-5, TSOT-23-6, TDFN2x2-6, WDFN2x2-6,
TSOT-23-6 FC, TSOT-23-5 FC, and MSOP-8
Packages (Halogen Free/Pb Free)
UL Certification_#E232223
CB Test Certification by IEC 60950-1:2005/ EN
60950-1:2006

Applications
High-Side Power Protection Switch
USB Power Management
USB Host and Self-Powered Bubs
USB Bus-Powered Hubs
Hot Plug-In Power Supplies
Battery-Charger Circuits

General Description
The G517 is an integrated power switch for
self-powered and bus-powered Universal Serial Bus
(USB) applications.
Several Protection features include current limiting and
thermal shutdown to prevent catastrophic switch failure
caused by increasing power dissipation when continuous
heavy loads or short circuit occurs. A built-in
charge pump is used to drive the N-channel MOSFET
that is free of parasitic body diode to eliminate any
reversed current flow across the switch when it is
powered off. When the output voltage is higher than
input voltage, the power switch is turned off by internal
output reverse-voltage comparator.
FLAG is an open-drain output report over-current or
over-temperature event and has typical 9ms deglitch
timeout period.




Similar Part No. - G517AL2RB1D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G517 ETC-G517 Datasheet
99Kb / 1P
PULSE TRANSFORMER
G517 ETC2-G517 Datasheet
340Kb / 1P
Pulse Transformers, Suitable for Data Interface
logo
Heyco.
G5170 HEYCO-G5170 Datasheet
83Kb / 1P
D-Subminiature Protection Caps
G5171 HEYCO-G5171 Datasheet
83Kb / 1P
D-Subminiature Protection Caps
logo
Global Mixed-mode Techn...
G5172 GMT-G5172 Datasheet
251Kb / 2P
High Efficiency, 4A Output, Synchronous Step Down
More results


Similar Description - G517AL2RB1D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G548S GMT-G548S Datasheet
123Kb / 1P
Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
Power Distribution Switch
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com