Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G517AL2RB1D Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G517AL2RB1D
Description  Power Distribution Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G517AL2RB1D Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G517AL2RB1D Datasheet HTML 1Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 2Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 3Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 4Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 5Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 6Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 7Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 8Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Ver: 1.4
Apr 25, 2016
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G517
Global Mixed-mode Technology
Electrical Characteristics (G517AL)
VIN = 5V, CIN=1µF, COUT=1µF, RL=10Ω TA = 25°C.
The device is not guaranteed to function outside its operating conditions. Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified.
DESCRIPTION
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Operation Voltage
VIN
2.7
---
5.5
V
Quiescent Current
IQ
VIN=5V, IOUT=0,
EN( EN ) =Active
RSET =20kΩ
---
150
---
µA
RSET =100kΩ
---
135
---
Off Supply Current
IQ(OFF)
VIN=5.5V, EN( EN ) =Inactive
---
---
1
µA
VIN Under-Voltage Lockout
VUVLO
1.7
2.1
2.4
V
Output MOS RDS(ON)
RDS(ON)
IOUT=2A, RSET=10kΩ
TSOT-23-6
---
70
90
m
Ω
SOT-23-6
TDFN2x2-6
---
60
75
RSET Resistor Range
VIN=3V
20
---
200
k
Ω
VIN=5V
10
---
200
Over Current Trigger Point
ILIM
RSET=9.76kΩ
2.58
2.87
3.16
A
RSET=11kΩ
2.25
2.5
2.75
RSET=24.9kΩ
0.9
1
1.1
RSET=37.4kΩ
0.6
0.7
0.8
RSET=49.9kΩ
0.425
0.5
0.575
RSET=75kΩ
0.264
0.33
0.4
RSET=100kΩ
0.175
0.25
0.325
Short-Circuit Fold-Back Current
ISFB
RSET=11kΩ, VIN>3.5V and VOUT<1V
---
1.67
---
A
RSET=24.9kΩ, VIN>3.5V and VOUT<1V
---
0.67
---
RSET=37.4kΩ, VIN>3.5V and VOUT<1V
---
0.47
---
RSET=49.9kΩ, VIN>3.5V and VOUT<1V
---
0.33
---
RSET=75kΩ, VIN>3.5V and VOUT<1V
---
0.22
---
RSET=100kΩ, VIN>3.5V and VOUT<1V
---
0.17
---
EN Input Threshold-High VIH
VEN(H)
VIN=2.7V to 5.5V
1.2
---
---
V
EN Input Threshold-Low VIL
VEN(L)
VIN=2.7V to 5.5V
---
---
0.6
V
Output Turn-on Rising Time
Tr
RLOAD=100Ω, COUT=1µF,
90% Settling
VIN=5V
1.0
1.5
2
ms
VIN=3.3V
1.6
2
2.4
FLAG Deglitch
TFLAG
FLAG assertion or deassertion
5
9
15
ms
Shutdown OUT Pull Low Resistance
---
600
900
Ω
tIOS Response Time to Short Circuit
tIOS
VIN=5V, see figure 1, 2
---
1.5
---
µs
Output Reverse-Current threshold
0.2
---
---
A
Output Reverse-Current Deglitch Time
VIN=5V
---
5
---
ms
Over Current Regulation Time
TREG
VIN=5V
6
9
12
ms
Over Current Protection Time
TOCP
VIN=5V
54
64
74
ms
Thermal Shutdown
OT
Rising temperature
---
150
---
°C
OTHYS
Hysteresis
---
20
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com